Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53CEC Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc

Part # IMX53CEC
Description  Applications Processors for Consumer Products
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53CEC Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc

Back Button IMX53CEC Datasheet HTML 179Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 180Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 181Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 182Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 183Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 184Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 185Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 186Page - Freescale Semiconductor, Inc IMX53CEC Datasheet HTML 187Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 204 page
background image
Package Information and Contact Assignments
i.MX53xD Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
183
DRAM_D31
G19
B14
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[31]
Output High
DRAM_D4
R27
T23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[4]
Output High
DRAM_D5
R28
V23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[5]
Output High
DRAM_D6
P29
T22
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[6]
Output High
DRAM_D7
T28
W23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[7]
Output High
DRAM_D8
AF28
AC14
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[8]
Output High
DRAM_D9
AE29
AB17
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_D[9]
Output High
DRAM_DQM0
N28
N23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_DQM[0
]
Output Low
DRAM_DQM1
AD27
AB20
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_DQM[1
]
Output Low
DRAM_DQM2
H29
L23
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_DQM[2
]
Output Low
DRAM_DQM3
C23
B20
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_DQM[3
]
Output Low
DRAM_RAS
M29
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_RAS
Output High
DRAM_RESET
J28
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_RESET Output Low
DRAM_SDBA0
H27
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_SDBA[
0]
Output Low
DRAM_SDBA1
K27
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_SDBA[
1]
Output Low
DRAM_SDBA2
K28
—
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_SDBA[
2]
Output Low
DRAM_SDCKE0 AB24
AC3
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_SDCK
E[0]
Output Low
DRAM_SDCKE1 F22
AC4
NVCC_EMI_DRAM
DDR3
ALT0
emi_DRAM_SDCK
E[1]
Output Low
DRAM_SDCLK_
0
—
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDCLK
0
Output Floating
DRAM_SDCLK_
0_B
—
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDCLK
0_B
Output Floating
DRAM_SDCLK_
1
H23
Y2
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDCLK
1
Output Floating
DRAM_SDCLK_
1_B
J23
Y1
NVCC_EMI_DRAM
DDR3CLK
ALT0
emi_DRAM_SDCLK
1_B
Output Floating
Table 118. PoP 12 x 12 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Function
Direct
ion
Config./
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com