Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 120Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 121Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 122Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 123Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 124Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 125Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 126Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 127Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 171 page
background image
Rev. 1.10
1�4
�a� �0� �01�
Rev. 1.10
1�5
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
DC Motor Control
Thedevicecancontrolmotorsusing1or2pins.TakingtheexampleofDCFanHeadmotorcontrol.
a2-pinDCMotorInterfacecancontrolthefanheadmotorspeedanddirection,whilethe1-pinDC
MotorInterfacecanonlycontrolthemotorspeed.TheFH_MSbitintheDCMCR1registerisused
toselecteithera1-pinor2-pinDCMotorInterface.
2-pin DC Motor Control
Inthiscasethe2-pinDCMotorinterfacecancontrolboththemotorspeedanddirection.An
externalcircuitusingalimitswitchoraVRcircuitcanbeusedtocontrolthemotordirection.The
10-bitCTMoutputPWMOisusedtoadjustthePWMdutycycletocontrolDCmotorspeed.The
DC_MCTLcircuitcontrolstheDCmotordirection.
VDDM=5V
FH0_SAT
FH0_SBT
FH0_RI
FH0_LI
HT45FM2C
10-bit CTM
TMR0
PWMO
FH0_FR
FH0_STOP
P
P
N
N
L_LSW
R_LSW
VDDM=5V
FH1_SAT
FH1_SBT
FH1_RI
FH1_LI
10-bit CTM
TMR1
PWMO
FH1_FR
FH1_STOP
P
P
N
N
L_LSW
R_LSW
DC_MCTL
DC_MCTL
FH0_PA
FH0_PB
FH1_PA
FH1_PB
VDDM=5V
VDDM=5V
VDDM=5V
VDDM=5V
FH_MS
0
1
1
0
FH_MS
0
1
1
0
1
1
2-Pin DC Motor Interface Application Circuit
TheDCcontrolorderfortheMotordirectionisthatthemotorshouldbefree(FH[0/1]_STOP)
beforeforward(FH[0/1]_FR)andthenchangedirection.Itisusedtoadjusttheoutputpolarity
accordingtotheexternalgatedriveconfiguration(PtypeorNtype).TheDCFanHeadinterface
resetdefaultvalueisFH0_SAT=hi-z/FH0_SBT=hi-zandFH1_SAT=hi-z/FH1_SBT=hi-z.
FH[0/1]_STOP
FH[0/1]_FR
DC_Motor
0
1
Forward
0
0
Backward
1
V
Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com