Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 126 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 126 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 122Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 123Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 124Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 125Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 126Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 127Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 128Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 129Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 130Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 171 page
background image
Rev. 1.10
1�6
�a� �0� �01�
Rev. 1.10
1�7
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Register Description
Tworegisters,DCMCR0andDCMCR1areusedforoverallcontrol.
DCMCR0 Register
Bit
7
6
5
4
3
2
1
0
Name
FH1_PB
FH1_PA
FH0_PB
FH0_PA
FH1_STOP FH1_FR FH0_STOP FH0_FR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
1
0
1
0
Bit 7
FH1_PB:
polarityoutputcontrol
0:Non-inverse
1:Inverse
Bit 6
FH1_PA:
polarityoutputcontrol
0:Non-inverse
1:Inverse
Bit 5
FH0_PB:
polarityoutputcontrol
0:Non-inverse
1:Inverse
Bit 4
FH0_PA:
polarityoutputcontrol
0:Non-inverse
1:Inverse
Bit 3
FH1_STOP:
FANHead1stopenable
0:Motornormaloperation
1:Motorfreerun
Bit 2
FH1_FR:
FANHead1directionselect
0:Backward
1:Forward
Bit 1
FH0_STOP:
FANHead0stopenable
0:Motornormaloperation
1:Motorfreerun
Bit 0
FH0_FR:
FANHead0directionselect
0:Backward
1:Forward
DCMCR1 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
FH1_BE
FH1_AE
FH0_BE
FH0_AE
FH_�S
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
POR
—
—
—
0
0
0
0
0
Bit7~5
Unimplemented,readas"0"
Bit 4~1
FH[1/0]_[A/B]E:
FanHeadInterfaceoutputenable
0:DisableFanHeadInterfaceoutput
1:EnableFanHeadInterfaceoutput
Bit 0
FH_MS:
FANHeadModeselect
0:1-pinModefor1FANhead
1:2-pinModefor1FANhead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com