Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 149 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 149 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 145Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 146Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 147Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 148Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 149Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 150Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 151Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 152Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 153Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 171 page
background image
Rev. 1.10
148
�a� �0� �01�
Rev. 1.10
149
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Non-Hall Sensor
VDD
VSS
PB1/TP�_1
PC7/Pause/TP5_1
PA0/AN0/INT0A
PA1/AN1/INT0B
PA�/AN�/INT0C
PB0
PB�/Is
PC6/Fault/TP5_0
PC5/GCB
PC4/GCT
PC�/GBB
PC�/GBT
PC1/GAB
PC0/GAT
VDD
HIN
LIN
CO�
VB
HO
VS
LO
VDD
HIN
LIN
CO�
VB
HO
VS
LO
VDD
HIN
LIN
CO�
VB
HO
VS
LO
IP-N
IP-L
Drain
Drain
Drain
Drain
VDD
FB
Source
Source
DC+�70V
+15V
+5V
VIPER1�
IR�101
IR�101
IR�101
IR RX
CKT
VI
N
GN
D
VOU
T
DC +5V
HT7150
DC+�70V
DC+�70V
AC��0V
DC +15V
HT45F��C
Buzzer
v
v
v
Gate
Driver
CKT
Back E�F
&
Filter
CKT
DC+�70V
PB7/TCK0
PB6/TP0_0
PB5/TP1_0
PB4/TCK�
Ke� �atix
�x�
PA�/AN�/TCK5
PD0/FH1_SAT/TP0_1
PD1/FH1_SBT/TP1_1
PA4/AN4/FH0_SAT/TCK�
PA5/AN5/FH0_SBT/TP�_1
PA7/AN7/FH0_RI/TCK1
PA6/AN6/FH0_LI/TP�_0
PD�/FH1_LI
PD�/FH1_RI
v
Gate
Driver
CKT
Pull-low
pull-high
PB�/RxIN/INT1/TP�_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com