Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 152 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 152 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 148Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 149Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 150Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 151Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 152Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 153Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 154Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 155Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 156Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 171 page
background image
Rev. 1.10
15�
�a� �0� �01�
Rev. 1.10
15�
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
Instruction Set Summary
Thefollowingtabledepictsasummaryoftheinstructionsetcategorisedaccordingtofunctionand
canbeconsultedasabasicinstructionreferenceusingthefollowinglistedconventions.
Table Conventions
x:Bitsimmediatedata
m:DataMemoryaddress
A:Accumulator
i:0~7numberofbits
addr:Programmemoryaddress
Mnemonic
Description
Cycles
Flag Affected
Arithmetic
ADD A�[m]
Add Data �emor� to ACC
1
Z� C� AC� OV
ADD� A�[m]
Add ACC to Data �emor�
1Note
Z� C� AC� OV
ADD A�x
Add immediate data to ACC
1
Z� C� AC� OV
ADC A�[m]
Add Data �emor� to ACC with Carr�
1
Z� C� AC� OV
ADC� A�[m]
Add ACC to Data memor� with Carr�
1Note
Z� C� AC� OV
SUB A�x
Subtract immediate data from the ACC
1
Z� C� AC� OV
SUB A�[m]
Subtract Data �emor� from ACC
1
Z� C� AC� OV
SUB� A�[m]
Subtract Data �emor� from ACC with result in Data �emor�
1Note
Z� C� AC� OV
SBC A�[m]
Subtract Data �emor� from ACC with Carr�
1
Z� C� AC� OV
SBC� A�[m]
Subtract Data �emor� from ACC with Carr�� result in Data �emor�
1Note
Z� C� AC� OV
DAA [m]
Decimal adjust ACC for Addition with result in Data �emor�
1Note
C
Logic Operation
AND A�[m]
Logical AND Data �emor� to ACC
1
Z
OR A�[m]
Logical OR Data �emor� to ACC
1
Z
XOR A�[m]
Logical XOR Data �emor� to ACC
1
Z
AND� A�[m]
Logical AND ACC to Data �emor�
1Note
Z
OR� A�[m]
Logical OR ACC to Data �emor�
1Note
Z
XOR� A�[m]
Logical XOR ACC to Data �emor�
1Note
Z
AND A�x
Logical AND immediate Data to ACC
1
Z
OR A�x
Logical OR immediate Data to ACC
1
Z
XOR A�x
Logical XOR immediate Data to ACC
1
Z
CPL [m]
Complement Data �emor�
1Note
Z
CPLA [m]
Complement Data �emor� with result in ACC
1
Z
Increment & Decrement
INCA [m]
Increment Data �emor� with result in ACC
1
Z
INC [m]
Increment Data �emor�
1Note
Z
DECA [m]
Decrement Data �emor� with result in ACC
1
Z
DEC [m]
Decrement Data �emor�
1Note
Z
Rotate
RRA [m]
Rotate Data �emor� right with result in ACC
1
None
RR [m]
Rotate Data �emor� right
1Note
None
RRCA [m]
Rotate Data �emor� right through Carr� with result in ACC
1
C
RRC [m]
Rotate Data �emor� right through Carr�
1Note
C
RLA [m]
Rotate Data �emor� left with result in ACC
1
None
RL [m]
Rotate Data �emor� left
1Note
None
RLCA [m]
Rotate Data �emor� left through Carr� with result in ACC
1
C
RLC [m]
Rotate Data �emor� left through Carr�
1Note
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com