Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 166 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 166 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 162Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 163Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 164Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 165Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 166Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 167Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 168Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 169Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 170Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 171 page
background image
Rev. 1.10
166
�a� �0� �01�
Rev. 1.10
167
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
28-pin SSOP (150mil) Outline Dimensions
&

#
"
)
*
+
,
.
+
/
0
=
-
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.��8
—
0.�44
B
0.150
—
0.157
C
0.008
—
0.01�
C
׳
0.�86
—
0.�94
D
0.054
—
0.060
E
—
0.0�5
—
F
0.004
—
0.010
G
0.0��
—
0.0�8
H
0.007
—
0.010
α
0°
—
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
—
6.�0
B
�.81
—
�.99
C
0.�0
0.�0
C
׳
9.80
—
10.01
D
1.�7
—
1.5�
E
—
0.64
—
F
0.10
—
0.�5
G
0.56
—
0.71
H
0.18
—
0.�5
α
0°
—
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com