Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45FM2C Datasheet(PDF) 167 Page - Holtek Semiconductor Inc

Part # HT45FM2C
Description  Brushless DC Motor Flash Type 8-Bit MCU
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45FM2C Datasheet(HTML) 167 Page - Holtek Semiconductor Inc

Back Button HT45FM2C Datasheet HTML 163Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 164Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 165Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 166Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 167Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 168Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 169Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 170Page - Holtek Semiconductor Inc HT45FM2C Datasheet HTML 171Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 167 / 171 page
background image
Rev. 1.10
166
�a� �0� �01�
Rev. 1.10
167
�a� �0� �01�
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
HT45FM2C
Brushless DC Motor Flash Type 8-Bit MCU
Preliminar�
44-pin QFP (10mm×10mm) Outline Dimensions
34
11
1
44
A
B
22
12
E
F
G
H
I
J
K
=
33
23
C
D
L
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
0.51�
—
0.5�8
B
0.�90
—
0.�98
C
0.51�
—
0.5�8
D
0.�90
—
0.�98
E
—
0.0�1
—
F
—
0.01�
—
G
0.075
—
0.087
H
—
—
0.106
I
0.010
—
0.0�0
J
0.0�9
—
0.0�7
K
0.004
—
0.008
L
—
0.004
—
α
0°
—
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1�.00
—
1�.40
B
9.90
—
10.10
C
1�.00
—
1�.40
D
9.90
—
10.10
E
—
0.8
—
F
—
0.�
—
G
1.90
—
�.�0
H
—
—
�.70
I
0.�5
—
0.50
J
0.7�
—
0.9�
K
0.10
—
0.�0
L
—
0.10
—
α
0°
—
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com