Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 48Page - STMicroelectronics STPMC1 Datasheet HTML 49Page - STMicroelectronics STPMC1 Datasheet HTML 50Page - STMicroelectronics STPMC1 Datasheet HTML 51Page - STMicroelectronics STPMC1 Datasheet HTML 52Page - STMicroelectronics STPMC1 Datasheet HTML 53Page - STMicroelectronics STPMC1 Datasheet HTML 54Page - STMicroelectronics STPMC1 Datasheet HTML 55Page - STMicroelectronics STPMC1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
Theory of operation
STPMC1
52/77
Doc ID 15728 Rev 6
9.17.7
Group 6 data records
6.1 ACR:
iR RMS SWM accumulator: 20-bit accumulator of R phase current in SWM mode (see
paragraph
9.7)
R-phase elapsed: phase delay (see paragraph
9.15)
6.2 ACS:
iS RMS SWM accumulator: 20-bit accumulator of S phase current in SWM mode (see
paragraph
9.7)
S-phase elapsed: phase delay (see paragraph
9.15)
6.3 ACT:
iT RMS SWM accumulator: 20-bit accumulator of T phase current in SWM mode (see
paragraph
9.7)
T-phase elapsed: phase delay (see paragraph
9.15)
6.4 CF3:
bits [111..84] of configurators (see
Table 33)
9.17.8
Parity calculation
Each bit of parity nibble is defined as odd parity of all seven corresponding bits of data
nibbles. In order to check the data record integrity, the application might execute the
following C code, given as an example:
int BadParity (unsigned char *bp)
{register unsigned char prty = grp;/* temp register set to group #
(0..6)*/
prty ^= *bp;
/* xor it with 1st byte of data */
prty ^= *(bp+1);
/* xor it with the 2nd byte */
prty ^= *(bp+2);
/* and with the 3rd byte */
prty ^= *(bp+3);
/* and last, with the 4th byte */
prty ^= prty<<4;
/* combine */
prty &= 0xF0;
/* remove the lower nibble */
return (prty != 0xF0);
/* returns 1, if bad parity */}
Figure 20.
Group 6 data records
4 bit
ACR
ACS
ACT
CF3
parity
iR RMS Ah accumulator if bad
uR
R-phase elapsed
parity
S-phase elapsed
iS RMS Ah accumulator if bad
uS
parity
iT RMS Ah accumulator if bad
uT
T-phase elapsed
parity
bits [111..84] of configurators
8 bit
20 bit
20 bit
4 bit
4 bit
4 bit
ACR
ACS
ACT
CF3
parity
iR RMS Ah accumulator if bad
uR
R-phase elapsed
parity
iR RMS Ah accumulator if bad
uR
R-phase elapsed
parity
S-phase elapsed
iS RMS Ah accumulator if bad
uS
parity
S-phase elapsed
iS RMS Ah accumulator if bad
uS
parity
iT RMS Ah accumulator if bad
uT
T-phase elapsed
parity
iT RMS Ah accumulator if bad
uT
T-phase elapsed
parity
bits [111..84] of configurators
parity
bits [111..84] of configurators
8 bit
8 bit
20 bit
20 bit
20 bit
20 bit
4 bit
ACR
ACS
ACT
CF3
parity
iR RMS Ah accumulator if bad
uR
R-phase elapsed
parity
S-phase elapsed
iS RMS Ah accumulator if bad
uS
parity
iT RMS Ah accumulator if bad
uT
T-phase elapsed
parity
bits [111..84] of configurators
8 bit
20 bit
20 bit
4 bit
4 bit
4 bit
ACR
ACS
ACT
CF3
parity
iR RMS Ah accumulator if bad
uR
R-phase elapsed
parity
iR RMS Ah accumulator if bad
uR
R-phase elapsed
parity
S-phase elapsed
iS RMS Ah accumulator if bad
uS
parity
S-phase elapsed
iS RMS Ah accumulator if bad
uS
parity
iT RMS Ah accumulator if bad
uT
T-phase elapsed
parity
iT RMS Ah accumulator if bad
uT
T-phase elapsed
parity
bits [111..84] of configurators
parity
bits [111..84] of configurators
8 bit
8 bit
20 bit
20 bit
20 bit
20 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com