Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 59Page - STMicroelectronics STPMC1 Datasheet HTML 60Page - STMicroelectronics STPMC1 Datasheet HTML 61Page - STMicroelectronics STPMC1 Datasheet HTML 62Page - STMicroelectronics STPMC1 Datasheet HTML 63Page - STMicroelectronics STPMC1 Datasheet HTML 64Page - STMicroelectronics STPMC1 Datasheet HTML 65Page - STMicroelectronics STPMC1 Datasheet HTML 66Page - STMicroelectronics STPMC1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
63/77
The first read out byte of the data record is the least significant byte (LSB) of the data value
and of course, the fourth byte is the most significant byte (MSB) of the data value. Each byte
can be further divided into a pair of 4-bit nibbles, most and least significant nibble (msn, lsn).
This division makes sense with the MSB of the data value because the msn holds the parity
code.
The sequence of the data record during the reading operation is fixed. However, an
application may apply a precharge command (see mode signal description) prior to the
reading phase. This command increases the group pointer forcing the device to respond
with the next group data records sequence.
The system that reads the data record from the STPMC1 should check the integrity of each
data record, as indicated in paragraph
9.17.8. If the check fails, the reading should be
repeated, but this time only the shifting should be applied; otherwise new data would be
latched into transmission latches, thus losing the previous reading.
Normally, each byte is read out as the most significant bit (msb) first. But this can be
changed by setting the MSBF configuration bit in the STPMC1 CFL data record. If this is
done, each byte is read out as the least significant bit (lsb) first.
9.21.3
Writing procedure
Each writable bit (configuration and mode bits) has its own 7-bit absolute address. For the
configuration bits, the 7-bit address value corresponds to its decimal value, while for the
mode bits the addresses are those indicated in the mode signal paragraph.
In order to change the state of a latch one must send to the STPMC1 a byte of data which is
the normal way to send data via SPI. This byte consists of 1-bit data to be latched (msb),
followed by 7-bit address of destination latch, which makes total 8 bits of command byte, as
summarized in the table below.
Figure 23.
Data records reconstruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com