Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 26Page - STMicroelectronics STPMC1 Datasheet HTML 27Page - STMicroelectronics STPMC1 Datasheet HTML 28Page - STMicroelectronics STPMC1 Datasheet HTML 29Page - STMicroelectronics STPMC1 Datasheet HTML 30Page - STMicroelectronics STPMC1 Datasheet HTML 31Page - STMicroelectronics STPMC1 Datasheet HTML 32Page - STMicroelectronics STPMC1 Datasheet HTML 33Page - STMicroelectronics STPMC1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
Theory of operation
STPMC1
30/77
Doc ID 15728 Rev 6
The value IMAX corresponds to the maximum current value hold by each RMS current
register (internal value FFFF). It is a function of the sensor type, sensitivity and of the
current channel gain. Let us suppose that
IMAX = 180 A
The tamper condition is evaluated only if
This means that the sum of the RMS value of currents is not negligible with respect to
IMAX (the threshold corresponds to about 0.4% of IMAX).
In this case this is true since:
IR + IS +IT +IN = 14.4 A > 0,703125 A = IMAX / 256
The criterion for tamper detection is
This can also be expressed as
which means the sIRMS value must not exceed 3.13% of (IR + IS +IT +IN).
In this example:
sIRMS = 0,149967 < 0.45 = (IR + IS +IT +IN) / 32
Then BCS = 0.
Figure 11.
Currents of the three phase system in example
>
+
+
+
=
256
I
I
I
I
I
I
MAX
N
T
S
R
X
()
8
I
i
X
RMS
X
>
()
32
I
4
i
4
i
sIRMS
X
RMS
X
RMS
X
>
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com