Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 41Page - STMicroelectronics STPMC1 Datasheet HTML 42Page - STMicroelectronics STPMC1 Datasheet HTML 43Page - STMicroelectronics STPMC1 Datasheet HTML 44Page - STMicroelectronics STPMC1 Datasheet HTML 45Page - STMicroelectronics STPMC1 Datasheet HTML 46Page - STMicroelectronics STPMC1 Datasheet HTML 47Page - STMicroelectronics STPMC1 Datasheet HTML 48Page - STMicroelectronics STPMC1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
45/77
An asymmetrical compensation is implemented by multiplying the phase current with
α and
the neutral current with
β and these values are subtracted from neutral and phase currents
respectively, as shown below:
iCS = β iT
iCT = α iS
For other values of SYS, the values of CCA and CCB three correction factors, a 7-bit
α, 6-bit
β and 4-bit γ (gamma) are calculated as follows:
Equation 7
Equation 8
Equation 9
From these factors a 4 x 4 matrix, shown in
Table 30, implements a symmetrical
compensation multiplying each phase and neutral current with its row, adding the products
together and subtracting them from the currents.
iCR = α iS + β iT + γ iN
iCS = α iR + α iT + β iN
Table 29.
Mutual current compensation matrix for single-phase systems (SYS > 3)
phase
S
T
S-
β
T
α
-
(
± 0.78 %)
() []
[]
8192
0
:
5
CCA
1
8
CCA
=
α
(
± 0.39 %)
() []
[]
8192
3
:
7
CCB
1
7
CCA
=
β
(
± 0.09 %)
() []
[]
8192
0
:
2
CCB
1
6
CCA
=
γ
Table 30.
Mutual current compensation matrix for three-phase systems (SYS < 4)
phase
R
S
T
N
R
-
αβ
γ
S
α
-
αβ
T
βα
-
α
N
γβ
α
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com