Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 43Page - STMicroelectronics STPMC1 Datasheet HTML 44Page - STMicroelectronics STPMC1 Datasheet HTML 45Page - STMicroelectronics STPMC1 Datasheet HTML 46Page - STMicroelectronics STPMC1 Datasheet HTML 47Page - STMicroelectronics STPMC1 Datasheet HTML 48Page - STMicroelectronics STPMC1 Datasheet HTML 49Page - STMicroelectronics STPMC1 Datasheet HTML 50Page - STMicroelectronics STPMC1 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
47/77
0.4 PRD:
period: 12-bit line period measurement (see paragraph
9.6). By default it is calculated
from R-phase signal, if it is missing from S-phase then from T-phase. The value of the
period can be calculated from the decimal value of period as:
Equation 10
DC uN: 16-bit DC component of voltage channel of NDSP. It may be DAN-V or DAH
according to the value of ENH bit. For example it is DC offset in sigma delta uN if
ENH=0, or DC value of magnetic field if ENH is set and a magnetic sensor is connected
via STPMSx on DAH input.
9.17.2
Group 1 data records
1.1 DMR:
uR MOM: 12-bit momentary value of R phase voltage
iR MOM: 16-bit momentary value of R phase current
1.2 DMS:
uS MOM: 12-bit momentary value of S phase voltage
iS MOM: 16-bit momentary value of S phase current
1.3 DMT:
uT MOM: 12-bit momentary value of T phase voltage
iT MOM: 16-bit momentary value of T phase current
1.4 DMN:
sI RMS: 12-bit RMS value of the sum of all the instantaneous currents (iR + iS + iT + iN)
divided by four:
MCLK
6
f
2
period
T
=
Figure 15.
Group 1 data records
DMN
DMR
DMS
DMT
parity
iR MOM
uR MOM
parity
iS MOM
uS MOM
parity
iT MOM
uT MOM
parity
iN MOM
sI RMS
12 bit
4 bit
16 bit
DMN
DMR
DMS
DMT
parity
iR MOM
uR MOM
parity
iR MOM
uR MOM
parity
iS MOM
uS MOM
parity
iS MOM
uS MOM
parity
iT MOM
uT MOM
parity
iT MOM
uT MOM
parity
iN MOM
sI RMS
parity
iN MOM
sI RMS
12 bit
12 bit
4 bit
4 bit
4 bit
16 bit
16 bit
DMN
DMR
DMS
DMT
parity
iR MOM
uR MOM
parity
iS MOM
uS MOM
parity
iT MOM
uT MOM
parity
iN MOM
sI RMS
12 bit
4 bit
16 bit
DMN
DMR
DMS
DMT
parity
iR MOM
uR MOM
parity
iR MOM
uR MOM
parity
iS MOM
uS MOM
parity
iS MOM
uS MOM
parity
iT MOM
uT MOM
parity
iT MOM
uT MOM
parity
iN MOM
sI RMS
parity
iN MOM
sI RMS
12 bit
12 bit
4 bit
4 bit
4 bit
16 bit
16 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com