Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 40Page - STMicroelectronics STPMC1 Datasheet HTML 41Page - STMicroelectronics STPMC1 Datasheet HTML 42Page - STMicroelectronics STPMC1 Datasheet HTML 43Page - STMicroelectronics STPMC1 Datasheet HTML 44Page - STMicroelectronics STPMC1 Datasheet HTML 45Page - STMicroelectronics STPMC1 Datasheet HTML 46Page - STMicroelectronics STPMC1 Datasheet HTML 47Page - STMicroelectronics STPMC1 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
Theory of operation
STPMC1
44/77
Doc ID 15728 Rev 6
Example 16: Phase compensation for PM = 1
Phase shift current for -
ϕ
phc:
CPC[1] = 0
Kphc = - (32 CpC[1:0] + 16 CPC[0] + CPX[3:0])
Phase shift current for
ϕ
phc:
CPC[1] = 1
Kphc = 64 - (32 CpC[0] + 16 CPC[0] + CPX[3:0])
9.16.3
Mutual current compensation
Mutual current compensation is available only when TCS is clear (Rogowski coil).
When PM is cleared, the CCA and CCB configuration bytes can be used for mutual current
influence compensation according to SYS value.
For monophase systems (SYS > 3) the correction factors,
α (alpha) and β (beta), are
computed as follows:
Equation 5
Equation 6
Table 28.
Phase compensation for PM = 1, fline = 50 Hz
CLK
HSA
fphc
φ
phc
Δφphc
4.194 MHz
X
2.097 MHz
+0.549°, -1.090°
0.009°
4.915 MHz
2.458 MHz
+0.469°, -0.930°
0.007°
8.192 MHz
2.048 MHz
+0.562°, -1.116°
0.009°
9.830 MHz
2.458 MHz
+0.469°, -0.930°
0.007°
1
2
4
8
16
CPX[0]
CPX[1]
CPX[2]
CPX[3]
CPC[0]
i
u
32
64
CpC[1]
CpC[0]
1
2
4
8
64
CPX[0]
CPX[1]
CPX[2]
CPX[3]
i
u
16
CPC[0]
32
CpC[0]
(
± 3.1 %)
() []
[]
8192
0
:
7
CCA
1
8
CCA
=
α
(
± 3.1 %)
() []
[]
8192
0
:
7
CCB
1
8
CCA
=
β



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com