Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 23Page - STMicroelectronics STPMC1 Datasheet HTML 24Page - STMicroelectronics STPMC1 Datasheet HTML 25Page - STMicroelectronics STPMC1 Datasheet HTML 26Page - STMicroelectronics STPMC1 Datasheet HTML 27Page - STMicroelectronics STPMC1 Datasheet HTML 28Page - STMicroelectronics STPMC1 Datasheet HTML 29Page - STMicroelectronics STPMC1 Datasheet HTML 30Page - STMicroelectronics STPMC1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
27/77
information about this signal is also available in the status bit
BIL, one per each phase (see
Table 32).
The three phase status bit
BIL is the AND of each phase status bit BIL.
The no-load condition occurs when the product between UX and IX register values is below
a given value. This value can be set by the LTCH configuration bits. Four different no-load
threshold values can be chosen according to the two LTCH bits as reported in
Table 14.
When a no-load condition occurs (
BIL = 1) the integration of power is suspended. The no-
load condition flag
BIL in standalone mode blocks generation of pulses for stepper and is
brought out to the output selector forcing SCLNLC pin low. In peripheral mode, the
BIL
signal can be accessed through the SPI interface.
The minimum output frequency (at no-load threshold) is given as % of the full-scale (FS)
output frequency, where FS internal AW frequency is 1370 Hz per phase.
Example 3: No-load condition threshold calculation
An energy meter has a power constant of C = 64000 pulses/kWh on LED pin.
It is valid the following relation:
C = 3600000 * f / P
where 3600000 is the factor between kWh and Ws and f is the output frequency on the
LED pin if P power is applied to the meter.
The minimum output frequency if LTCH [0] = LTCH [1] = 1 is:
f = 0,010 * 1370 Hz = 0,137 Hz
which gives a no-load condition power threshold equal to:
P = 3600000 * 0,137 Hz / 64000imp/kWh = 7,7 W
In this example, the no-load threshold is equivalent to 7,7 W of load or to a start-up
current of 32 mA at 240 V.
In NLC function is also implemented an hysteresis. When the current is falling the threshold
is half lower than that described above.
9.9
Error detection (status bits:
BCF, PIN)
The STPMC1 has two error detection circuits that checks:
the
ΔΣ signals
the state of output pins
The first error detection circuit checks if any of the
ΔΣ signals from the analog part is stuck at
1 or 0 within the period of observation (250 µs). In case of detected error the corresponding
ΔΣ signal is replaced with an idle ΔΣ signal, which represents a constant value 0. When this
Table 14.
No-load detection thresholds
LTCH (2 bits)
NLC threshold
0
0,00125*FS
1
0,0025*FS
2
0,005*FS
3
0,010*FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com