Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 16Page - STMicroelectronics STPMC1 Datasheet HTML 17Page - STMicroelectronics STPMC1 Datasheet HTML 18Page - STMicroelectronics STPMC1 Datasheet HTML 19Page - STMicroelectronics STPMC1 Datasheet HTML 20Page - STMicroelectronics STPMC1 Datasheet HTML 21Page - STMicroelectronics STPMC1 Datasheet HTML 22Page - STMicroelectronics STPMC1 Datasheet HTML 23Page - STMicroelectronics STPMC1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Theory of operation
STPMC1
20/77
Doc ID 15728 Rev 6
These four multiplexed signals are separated, by a digital de-multiplexer, back into eight
ΔΣ
signals, called streams. The signal coming from the voltage channel of the STPMSx is
named with the suffix V, while the stream coming from the current channel is named with the
suffix C. For example, the voltage stream of the S-phase is named DAS-V.
Then, each pair of phase the voltage and current stream coming from DAR, DAS and DAT is
connected to a dual-channel RDSP, SDSP, TDSP unit (i.e. DAR-V and DAR-C are
connected to RDSP).
Each phase voltage input stream is proportional to phase voltage u. Each phase current
input stream is proportional to derivation of phase current di/dt, when it originates from
Rogowski coil, or to phase current i, when it originates from Shunt or CT or Hall sensor. In
this case a derivative is inserted into the voltage channel to get a stream proportional to
du/dt. The sensors differ from each other for sensitivity, phase error and susceptibility to
external EM fields.
Each of these DSP units performs the following:
checks the integrity of the streams
calibrates streams
filters both streams with a dedicated decimation filter
computes active and reactive energies, momentary and RMS values for voltage and
current, period of power line voltage signal.
In each DSP there are calibrators capable of adjusting the readings ±12.5%.
The power computer does the final calculations of the value and direction of the power and
checks for no-load condition.
Another dual DSP unit, called NDSP, processes the streams coming from DAN and DAH. In
fact, using the ENH bit (see
Table 33), the user can select either the voltage stream of the
DAN pin (DAN-V) or the DAH stream as the input of the NDSP unit, while the current stream
DAN-C is always processed as neutral current.
In its voltage channel, the NDSP unit uses a 2 s time multiplex to process two streams.
During the first half of the interval the voltage input stream is processed (which can be DAN-
V or DAH, according to the ENH bit), while during the second half a stream constituted by
the sum of all four calibrated currents (i.e. DAR-C + DAS-C + DAT-C + DAN-C).
In its current channel the NDSP unit process the current stream of the neutral conductor as
follows:
checks the integrity of stream
calibrates the stream
filters the stream with a dedicated decimation filter
computes momentary and RMS values of the stream
if no errors have been detected in the phase timing, computes phase frequency,
integrates the phase powers by means of 3-input integrators of energies and generates
all pulse output signals.
When the DAH input stream is selected, it is checked to detect an external magnetic
influence (EMI) to the meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com