Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 46Page - STMicroelectronics STPMC1 Datasheet HTML 47Page - STMicroelectronics STPMC1 Datasheet HTML 48Page - STMicroelectronics STPMC1 Datasheet HTML 49Page - STMicroelectronics STPMC1 Datasheet HTML 50Page - STMicroelectronics STPMC1 Datasheet HTML 51Page - STMicroelectronics STPMC1 Datasheet HTML 52Page - STMicroelectronics STPMC1 Datasheet HTML 53Page - STMicroelectronics STPMC1 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
Theory of operation
STPMC1
50/77
Doc ID 15728 Rev 6
9.17.5
Group 4 data records
4.1 DRR:
R-phase reactive energy: 20-bit accumulator of R phase reactive energy.
R-phase status: 8-bit R phase status (see
Table 32). Bit [0] (BIL) represents no-load
condition for phase R reactive energy.
4.2 DRS:
S-phase reactive energy wide band: 20-bit accumulator of S phase reactive energy
S-phase status: 8-bit S phase status (see
Table 32). Bit [0] (BIL) represents no-load
condition for phase S reactive energy.
4.3 DRT:
T-phase reactive energy wide band: 20-bit accumulator of T phase reactive energy
T-phase status: 8-bit T phase status (see
Table 32). Bit [0] (BIL) represents no-load
condition for phase T reactive energy.
4.4 CF1:
bits [55..28] of configurators (see
Table 33)
Note:
When the configuration bit FUND is set, fundamental reactive energy replaces full
bandwidth reactive energy.
Figure 18.
Group 4 data records
4 bit
DRR
DRS
DRT
CF1
parity
R-phase reactive energy
R-phase status
parity
S-phase status
S-phase reactive energy
parity
T-phase reactive energy
T-phase status
parity
bits [55..28] of configurators
8 bit
20 bit
20 bit
4 bit
4 bit
4 bit
DRR
DRS
DRT
CF1
parity
R-phase reactive energy
R-phase status
parity
R-phase reactive energy
R-phase status
parity
S-phase status
S-phase reactive energy
parity
S-phase status
S-phase reactive energy
parity
T-phase reactive energy
T-phase status
parity
T-phase reactive energy
T-phase status
parity
bits [55..28] of configurators
parity
bits [55..28] of configurators
8 bit
8 bit
20 bit
20 bit
20 bit
20 bit
4 bit
DRR
DRS
DRT
CF1
parity
R-phase reactive energy
R-phase status
parity
S-phase status
S-phase reactive energy
parity
T-phase reactive energy
T-phase status
parity
bits [55..28] of configurators
8 bit
20 bit
20 bit
4 bit
4 bit
4 bit
DRR
DRS
DRT
CF1
parity
R-phase reactive energy
R-phase status
parity
R-phase reactive energy
R-phase status
parity
S-phase status
S-phase reactive energy
parity
S-phase status
S-phase reactive energy
parity
T-phase reactive energy
T-phase status
parity
T-phase reactive energy
T-phase status
parity
bits [55..28] of configurators
parity
bits [55..28] of configurators
8 bit
8 bit
20 bit
20 bit
20 bit
20 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com