Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 42Page - STMicroelectronics STPMC1 Datasheet HTML 43Page - STMicroelectronics STPMC1 Datasheet HTML 44Page - STMicroelectronics STPMC1 Datasheet HTML 45Page - STMicroelectronics STPMC1 Datasheet HTML 46Page - STMicroelectronics STPMC1 Datasheet HTML 47Page - STMicroelectronics STPMC1 Datasheet HTML 48Page - STMicroelectronics STPMC1 Datasheet HTML 49Page - STMicroelectronics STPMC1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Theory of operation
STPMC1
46/77
Doc ID 15728 Rev 6
iCT = α iN + α iS + β iR
iCN = α iT + β iS + γ iR
9.17
Data records map
There are seven groups of four data records available, each consisting of a parity nibble
(see paragraph
9.17.8) and 28-bit data field.
The data records have fixed position of reading. This means that no addressing of records is
necessary. It is up to an application to decide how many records should read out from the
device. If an application sends to device a precharge command (see paragraph
9.20) before
the reading of a group, the internal group pointer is incremented. This way, a faster access
to later groups is possible. Below are shown all the groups, their position within the
sequence of reading, and the name and assembly of data records.
9.17.1
Group 0 data records
0.1 DAP:
3- phase active energy wide band: 20-bit accumulator of 3-ph active energy wide band
(see paragraph
9.11)
3-ph lower status: bits [0:7] of 3-phase status (see
Table 31)
0.2 DRP:
3- phase reactive energy: 20-bit accumulator of 3-ph reactive energy (see paragraph
9.11)
3-ph up status: bits [8:11] of 3-phase status (see
Table 31)
TSG bits: 4 TSG mode signal (see paragraph
9.20)
0.3 DFP:
3-phase active energy fundamental: 20-bit accumulator of 3-ph active energy from
fundamental harmonic (see paragraph
9.11)
system signals: commands BANK-PUMP-TST0-TST1-TST2-RD-WE-precharge (see
paragraph
9.20)
Figure 14.
Group 0 data records
parity
3-phase active energy wide band
3-ph lower status
DAP
DRP
DFP
PRD
parity
DC uN
period
parity
3-phase active energy fundamental
system signals
12 bit
4 bit
16 bit
4 bit
4 bit
20 bit
8 bit
parity
TSG bits
3-phase reactive energy
3-ph up status
parity
3-phase active energy wide band
3-ph lower status
DAP
DRP
DFP
PRD
parity
DC uN
period
parity
3-phase active energy fundamental
system signals
12 bit
4 bit
4 bit
16 bit
4 bit
4 bit
20 bit
8 bit
parity
TSG bits
3-phase reactive energy
3-ph up status
parity
3-phase active energy wide band
3-ph lower status
DAP
DRP
DFP
PRD
parity
DC uN
period
parity
3-phase active energy fundamental
system signals
12 bit
4 bit
16 bit
4 bit
4 bit
20 bit
8 bit
parity
TSG bits
3-phase reactive energy
3-ph up status
parity
3-phase active energy wide band
3-ph lower status
DAP
DRP
DFP
PRD
parity
DC uN
period
parity
3-phase active energy fundamental
system signals
12 bit
4 bit
4 bit
16 bit
4 bit
4 bit
20 bit
8 bit
parity
TSG bits
3-phase reactive energy
3-ph up status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com