Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 1 Page - STMicroelectronics

  STPMC1 Datasheet HTML 1Page - STMicroelectronics STPMC1 Datasheet HTML 2Page - STMicroelectronics STPMC1 Datasheet HTML 3Page - STMicroelectronics STPMC1 Datasheet HTML 4Page - STMicroelectronics STPMC1 Datasheet HTML 5Page - STMicroelectronics STPMC1 Datasheet HTML 6Page - STMicroelectronics STPMC1 Datasheet HTML 7Page - STMicroelectronics STPMC1 Datasheet HTML 8Page - STMicroelectronics STPMC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
This is information on a product in full production.
April 2012
Doc ID 15728 Rev 6
1/77
77
STPMC1
Programmable poly-phase energy calculator IC
Datasheet
production data
Features
Supports 1-, 2- or 3-phase WYE and Delta
services, from 2 to 4 wires
Computes cumulative active and reactive wide-
band and fundamental harmonic energies
Computes active and reactive energies, RMS
and momentary voltage and current values for
each phase
Supports Rogowski coil, current transformer,
Shunt or Hall current sensors
Exclusive ripple-free energy calculation
algorithm
Programmable pulsed output
Stepper motor outputs
Neutral current, temperature, and magnetic
field monitoring
OTP memory for configuration and calibration
SPI interface
Supports IEC 62052-11 / 62053-21 / 62053-23
standards
Less than 0.1 % error over 1:1000 dynamic
range
Applications
Power metering
Description
The STPMC1 device functions as an energy
calculator and is an ASSP designed for effective
energy measurement in power line systems
utilizing Rogowski, current transformer, Shunt or
Hall current sensors. Used in combination with
one or more STPMSx ICs, it implements all the
functions needed in a 1-, 2- or 3-phase energy
meter. It can be coupled with a microprocessor for
multi-function energy meters, or it can directly
drive a stepper motor for a simple active energy
meter. The calculator has five input data pins. The
first three receive the voltage and current
information of the phases. In fact, each data input
processes two
ΔΣ signals, multiplexed in time and
generated by the STPMSx device. The fourth
input receives multiplexed
ΔΣ signals also, and
can be used to sense the neutral current or
another signal - temperature, for example. The
fifth input data pin accepts non-multiplexed
ΔΣ
signals and it can be used for sensing the
magnetic field information from a Hall sensor.
Four internal hard-wired DSP (digital signal
processing) units perform all the computations on
the
ΔΣ streams in real time by means of ΔΣ
arithmetic blocks. This allows the achievement of
very high computation precision with fast and
efficient digital architecture. All the data recorded
by the STPMC1 are accessible through an SPI
port, which is also used to configure and calibrate
the device. The configuration and calibration data
can be saved in a 112-bit OTP block, or
dynamically set in microprocessor-based meters.
TSSOP20
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STPMC1BTR
- 40 to 85 °C
TSSOP20 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - STPMC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMC1 STMICROELECTRONICS-STPMC1 Datasheet
2Mb / 10P
Programmable poly-phase energy calculator IC
November 2012
STPMC1 STMICROELECTRONICS-STPMC1_V01 Datasheet
2Mb / 10P
Programmable poly-phase energy calculator IC
November 2012
More results

Similar Description - STPMC1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7758 AD-ADE7758 Datasheet
1Mb / 68P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
9/04-Changed from Rev. 0 to Rev. A
ADE7754 AD-ADE7754 Datasheet
630Kb / 44P
Poly-phase Multi-Function Energy Metering IC with Serial Port
logo
STMicroelectronics
STPM01 STMICROELECTRONICS-STPM01 Datasheet
775Kb / 56P
Programmable single phase energy metering IC
24-Oct-2006
logo
Analog Devices
ADE7858 AD-ADE7858 Datasheet
1Mb / 76P
Poly Phase Multifunction Energy Metering IC with per Phase Active and Reactive Powers
Rev. PrA
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
Poly-Phase High-Performance Wide-Span Energy Metering IC
90E36 IDT-90E36 Datasheet
1,005Kb / 79P
Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
Analog Devices
ADE7758 AD-ADE7758_15 Datasheet
979Kb / 72P
Poly Phase Multifunction Energy Metering IC with Per Phase Information
Rev. E
logo
ATMEL Corporation
M90E36A ATMEL-M90E36A Datasheet
998Kb / 87P
Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
ATM90E32AS ATMEL-ATM90E32AS Datasheet
789Kb / 84P
Enhanced Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
STMicroelectronics
STPMC1 STMICROELECTRONICS-STPMC1_V01 Datasheet
2Mb / 10P
Programmable poly-phase energy calculator IC
November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com