Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 64Page - STMicroelectronics STPMC1 Datasheet HTML 65Page - STMicroelectronics STPMC1 Datasheet HTML 66Page - STMicroelectronics STPMC1 Datasheet HTML 67Page - STMicroelectronics STPMC1 Datasheet HTML 68Page - STMicroelectronics STPMC1 Datasheet HTML 69Page - STMicroelectronics STPMC1 Datasheet HTML 70Page - STMicroelectronics STPMC1 Datasheet HTML 71Page - STMicroelectronics STPMC1 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 77 page
background image
Energy calculation algorithm
STPMC1
68/77
Doc ID 15728 Rev 6
In case of shunt sensor (TCS = 1), an additional stage of internal digital differentiated
produces the value:
Equation 22
vd = dvu/dt = A ω cos (ω t) kDIF
The shunt preamplifier, AD converter and calibrator produce the value:
Equation 23
vs = i RS (AI/VREF) kI = i kS = C sin (ω t + ϕ)
The 2nd stage internal integrations produce the values:
Equation 24
vdi = ∫ vddt = A sin (ω t) kDIF kINT = A sin (ω t)
Equation 25
vsi = ∫ vsdt = - (C / ω) cos (ω t + ϕ) kINT
The frequency compensated values are:
Equation 26
Vdic = ω / kINT vdi = A ω sin (ω t) / kINT
Equation 27
vsic = ω / kINT vsi = - C cos (ω t + ϕ)
The 3rd stage internal integrations and DC cancellations produce the values:
Equation 28
vdiic = ∫ vdicdt = A cos (ω t) kDIF kINT = A cos (ω t)
Equation 29
vsiic = ∫ vsicdt = - (C / ω) sin (ω t + ϕ) kINT
10.1
Active energy calculation
The active power is computed as follows.
First, the voltage stream from the 1st stage (
Equation 13 or Equation 22) is multiplied to the
16-bit current from the 2nd stage (
Equation 16 or Equation 25) and current stream from the
1st stage (
Equation 14 or Equation 23) is multiplied to 16-bit voltage from the 2nd stage of
filter (
Equation 15 or Equation 24), yielding:
Equation 30
P1 = vu vii = - ABkINT sin (ω t) sin (ω t + ϕ) = - ABkINT[cos ϕ - cos (2 ω t + ϕ)] / 2
Equation 31
P2 = vui vi = ABkINT cos (ω t) cos (ω t + ϕ) = ABkINT [cos ϕ + cos (2 ω t + ϕ)] / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com