Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 28Page - STMicroelectronics STPMC1 Datasheet HTML 29Page - STMicroelectronics STPMC1 Datasheet HTML 30Page - STMicroelectronics STPMC1 Datasheet HTML 31Page - STMicroelectronics STPMC1 Datasheet HTML 32Page - STMicroelectronics STPMC1 Datasheet HTML 33Page - STMicroelectronics STPMC1 Datasheet HTML 34Page - STMicroelectronics STPMC1 Datasheet HTML 35Page - STMicroelectronics STPMC1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
Theory of operation
STPMC1
32/77
Doc ID 15728 Rev 6
Whatever the SYS bits setting (indicating phases presence and configuration), bit
BSF is
always calculated, but it is valid only in cases SYS is 0, 1, 2 and 3. In fact in this case all the
three phase voltage signals (uR, uS, uT) are available and can be checked, as shown in 0.
In cases SYS is 4, 5, 6, 7, only two or one voltage signal are available (uS and/or uT), so that
the sequence cannot be checked. Bit
BSF is always set in the status byte, but it must be
ignored.
In standalone application for SYS = 0, 1 or 2 (3-phase systems) bit
BSF is available as
output on SDATD pin.
9.10.3
Phase active powers do not have the same sign (status bit
BIF)
The 3-phase status bit
BIF is produced from status bit SIGN of each phase. If bit SIGN is not
equal in all three phases (R, S and T), then bit
BIF is set.
In a standalone application for SYS = 0, 1 or 2 (3-phase system) bit
BIF is available as
output on SDATD pin.
Example 9: status bit
BIF
SIGNR = 0, SIGNS = 0, SIGNT = 0 → BIF = 0
SIGNR = 1, SIGNS = 1, SIGNT = 1 → BIF = 0
SIGNR = 1, SIGNS = 0, SIGNT = 0 → BIF = 1
SIGNR = 0, SIGNS = 1, SIGNT = 0 → BIF = 1
9.10.4
EMI is detected
EMI tamper detection is enabled by configuring bits ENH = 1 and APL [1] = 1 (APL [1] sets
standalone application mode).
The DAH signal is checked to verify that:
its DC component does not exceed DCMAX/16
its RMS value does not exceed the maximum value RMSMAX/16
where DCMAX = RMSMAX = 2
16 with hysteresis.
If these condition are not verified the EMI tamper is detected.
Table 16.
Pin description versus SYS configuration (uX and iX represent the voltage and the
current signals)
SYS
Pin
0
12
34
56
7
DAR
uR
uR
uR
uR
--
--
DAS
uS
uS
uS
uS
uS
--
-
DAT
uT
uT
uT
uT
uT
uT
uT
uT
DAN
iN
---
--
--
DAR
iR
iR
iR
iR
--
--
DAS
iS
iS
iS
-iS
iS
iS
-
DAT
iT
iT
iT
iT
iT
iT
iT
iT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com