Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 25Page - STMicroelectronics STPMC1 Datasheet HTML 26Page - STMicroelectronics STPMC1 Datasheet HTML 27Page - STMicroelectronics STPMC1 Datasheet HTML 28Page - STMicroelectronics STPMC1 Datasheet HTML 29Page - STMicroelectronics STPMC1 Datasheet HTML 30Page - STMicroelectronics STPMC1 Datasheet HTML 31Page - STMicroelectronics STPMC1 Datasheet HTML 32Page - STMicroelectronics STPMC1 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
STPMC1
Theory of operation
Doc ID 15728 Rev 6
29/77
Where:
Imax = 2
16
Σ IX = IR + IS + IT + IN
for SYS = 0, 1, 2, 3, 4, 7
Σ IX = IS + IT
for SYS = 5, 6
Bit
BCS is set according to Table 15
with (
Σ iX)RMS = (iR + iS + iT + iN)RMS
Example 5: 3-ph system - BCS = 0
Let us consider a three-phase, four wires system where the RMS values of the current
applied are:
IR = 5 A
IS = 5 A
IT = 4.4 A
IN = 0 A
The sum of all instantaneous currents (iR + iS + iT + iN) should always be zero, unless
there is a tamper condition.
The STPMC1 calculates this sum and put its RMS value divided by four (called sIRMS)
into register DMN (see paragraph
9.17.2).
This value should always be zero (or very close).
In our case:
The currents are shown in
Figure 11 below.
>
256
I
I
max
X
Table 15.
Tamper conditions
BCS
SYS = 0, 1, 2, 3, 4, 7
SYS = 5, 6
0
or
or
1
or
()
8
I
i
X
RMS
X
<
S
T
S
I
7
9
I
I
9
7
<
<
T
S
T
I
7
9
I
I
9
7
<
<
()
8
I
i
X
RMS
X
>
S
T
S
I
7
9
I
I
9
7
>
>
T
S
T
I
7
9
I
I
9
7
>
>
A
149967
.
0
4
i
sIRMS
RMS
X
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com