Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 66Page - STMicroelectronics STPMC1 Datasheet HTML 67Page - STMicroelectronics STPMC1 Datasheet HTML 68Page - STMicroelectronics STPMC1 Datasheet HTML 69Page - STMicroelectronics STPMC1 Datasheet HTML 70Page - STMicroelectronics STPMC1 Datasheet HTML 71Page - STMicroelectronics STPMC1 Datasheet HTML 72Page - STMicroelectronics STPMC1 Datasheet HTML 73Page - STMicroelectronics STPMC1 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
Energy calculation algorithm
STPMC1
70/77
Doc ID 15728 Rev 6
compensated stream of 16-bit voltage from the 2nd stage of filter (
Equation 18 or Equation
26) is multiplied by the 16-bit current stream from the 2nd stage (Equation 16 or Equation
25) yielding:
Equation 40
Q1 = vuiic vi = ABkINT sin (ω t) cos (ω t + ϕ) = - ABkINT [sin ϕ - sin (2 ω t + ϕ)] / 2
Equation 41
Q2 = ω / kINT vui vii = ABkINT cos (ω t) sin (ω t + ϕ) = ABkINT [sin ϕ + sin (2 ω t + ϕ)] / 2
In case of non Rogowski sensor, the corresponding products are:
Equation 42
Q1 = vdiic vs = ACkDIFkINT cos (ω t) sin (ω t + ϕ) = AC [sin ϕ + sin (2 ω t + ϕ)] / 2
Equation 43
Q2 = ω / kINT vdi vsi = - ACkDIFkINT sin (ω t) cos (ω t + ϕ) = - AC [sin ϕ - sin (2 ω t + ϕ)] / 2
Then a subtraction of Q1 from Q2 is performed:
Equation 44
Q = (Q2 - Q1) / 2 = (AB sin ϕ) kINT / 2 = (UkDIkL sin ϕ) kINT / 2 = URMS IRMS sin ϕ kP
This gives the same result for Q in case of non Rogowski sensor, substituting B and kLkINT
with C and kS:
Equation 45
Q = (Q2 - Q1) / 2 = (AC sin ϕ) = (UkDIkS sin ϕ) / 2 = URMS IRMS sin ϕ kP
The artificial reactive power (ART = 1) of line is computed as follows.
The inter-phase voltage sigma-delta stream is computed from voltage stream from the 1st
stage as follows:
Equation 46
ΔvuR = (vuS - vuT) / 2
ΔvuS = (vuT - vuR) / 2
ΔvuT = (vuR - vuS) / 2
The inter-phase voltage sigma-delta stream (
Equation 46), the 16-bit current from the 2nd
stage (
Equation 16 or Equation 25) and the value of 1 /
√3 are multiplied yielding:
Equation 47
Q =
Δvu vii 1 /
√3 = AB k
INT [sin ϕ + sin (2 ω t + ϕ)] / 2
or in case of non Rogowski sensor, the corresponding products are:
Equation 48
Q =
Δvd vsi 1 /
√30 = AC [sin ϕ + sin (2 ω t + ϕ)] / 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com