Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPMC1 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STPMC1
Description  Programmable poly-phase energy calculator IC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMC1 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STPMC1 Datasheet HTML 67Page - STMicroelectronics STPMC1 Datasheet HTML 68Page - STMicroelectronics STPMC1 Datasheet HTML 69Page - STMicroelectronics STPMC1 Datasheet HTML 70Page - STMicroelectronics STPMC1 Datasheet HTML 71Page - STMicroelectronics STPMC1 Datasheet HTML 72Page - STMicroelectronics STPMC1 Datasheet HTML 73Page - STMicroelectronics STPMC1 Datasheet HTML 74Page - STMicroelectronics STPMC1 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
STPMC1
Energy calculation algorithm
Doc ID 15728 Rev 6
71/77
10.3
Voltage and current RMS values calculation
The IRMS value is produced from 16-bit value of Equation 16:
Equation 49
The UiRMS is produced from stream and 16-bit value of Equation 15:
Equation 50
In case of non Rogowski sensor, the same dedicated RMS blocks produce some other
values, because input values for the blocks are changed.
Therefore, another RMS value, named IiRMS is produced from 16-bit value of Equation 25:
Equation 51
The URMS is produced from stream and 16-bit value of Equation 24:
Equation 52
10.4
Energy integration
The internal hard-wired DSP unit performs all the computations above in real time for a
power line in parallel by means of arithmetic blocks. Due to implementation of an integrator,
up/down counter or deviator, part of which is also an integrator in a feedback, additional
factors are introduced into computations. If we declare fMCLK as the measurement clock
frequency and M as number of possible values of some integrator, the following constant
factors can be defined:
Equation 53
kINT = 2 fMCLK / MINT = 2
8
kUD = 2 fMCLK / MUD = 2
11
kDIF = MDIF / 2 fMCLK = 2
-8
IRMSkLkINT =
T
0
2
ii
dt
T
1
v
= B
2
1
UiRMSkD =
T
0
2
ui
dt
T
1
v
= AkINT/
ω
2
1
IiRMSkSkINT =
T
0
2
si
dt
T
1
v
= C/
ω
2
1
URMSkD =
T
0
2
di
dt
T
1
v
= A
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com