| Electronic Components Datasheet Search |
|
OR3LP26B Datasheet(PDF) 87 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B Datasheet(HTML) 87 Page - Agere Systems |
|
87 / 184 page ![]() Lucent Technologies Inc. 87 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. PCI Bus Core Detailed Description Quad Port (continued) Interrupt Request and System Error Generation Two additional signals are available on the user side interface to request an interrupt on intan (pci_intan) and force a system error on the PCI serrn pin (fpga_syserror). The pci_intan signal may be asserted low at any time. It is not directly tied to any bus cycle. The fpga_syserror, as well, may be asserted high at any time. The serrn will be subsequently asserted low during the next PCI transaction to this device. In generating pci_intan and fpga_syserror, keep in mind that both signals need to be synchronous to pciclk. Working in 32- and 64-bit Modes The OR3LP26B works equally well in 32-bit and 64-bit PCI systems. In a 64-bit system, it is required that, during reset, the host assert req64n low indicating that the bus width is 64 bits. The core will evaluate this signal at reset, and automatically configure itself in either 32-bit or 64-bit mode. When configured in 32-bit mode, the core will 3- state all upper PCI bus pins and apply a weak pull-up. 32-bit Transfers in a 64-bit System Although designed as a 64-bit interface, the OR3LP26B also works efficiently in 32-bit mode. For single 32-bit transfers, the core will perform a 32-bit PCI transfer. For burst transactions, the core will attempt 64-bit transfers, and then back down to 32-bit mode if ack64n was not received. In general, the core will perform the PCI bus trans- action that is most efficient on the bus. Embedded Core/FPGA Interface Operation Summary The following sections describe the FIFO bus operation, which is the interface between the embedded core and the FPGA logic. Several configurations are possible for the FIFO bus, and the signal definitions can change for differ- ent modes. Tables are provided to define the modes, the signal definitions, and the states of each operation for each mode. Table 35 is an index to the state tables and timing figures provided for each of the operational modes of the FPGA interface to the PCI core. Each of these operations is detailed on the pages shown in the table. Table 35. Index to State Sequence Tables * Duplicate burst length and 16-bit address. † 64-bit address supplied. ‡ 32-bit address supplied. § The FPGA interface does not participate in Target configuration operations. Master/ Target PCI Bus Mode Transaction Type Single/Burst and Delayed/ Not Delayed PCI Bus Timing Figure Number State Table FPGA Bus Timing Figure Number Master Write Config, Memory, I/O Nonburst Figure 25 Table 36 Figure 27 Burst Figure 26 Figure 28 Read Config, Memory, I/O Nonburst Figure 29 Table 37*† Table 38‡ Figure 30 Burst Figure 31 Figure 32 Target Write Config Nonburst Figure 33 Table 39 § I/O Delayed Figure 34 Figure 36 Memory, I/O Nonburst, Not Delayed Figure 35 Figure 38 Memory Burst Figure 37 Read Config Nonburst Figure 39 Table 40 § I/O Delayed Figure 40 Figure 43 Not Delayed Figure 41 Memory Nonburst Figure 44 Nonburst Delayed Figure 42 Burst Figure 47 Figure 46 Burst Delayed Figure 45 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |