Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 91 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 91 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 87Page - Agere Systems OR3LP26B Datasheet HTML 88Page - Agere Systems OR3LP26B Datasheet HTML 89Page - Agere Systems OR3LP26B Datasheet HTML 90Page - Agere Systems OR3LP26B Datasheet HTML 91Page - Agere Systems OR3LP26B Datasheet HTML 92Page - Agere Systems OR3LP26B Datasheet HTML 93Page - Agere Systems OR3LP26B Datasheet HTML 94Page - Agere Systems OR3LP26B Datasheet HTML 95Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 184 page
background image
Lucent Technologies Inc.
91
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Master Write, Burst Transaction
Figure 28 (FPGA bus) and Figure 26 (PCI bus) show the timing of a 4-Quadword Master write burst transaction.
Operation is similar to that in the previous Master write, nonburst transaction, but extra data is supplied by the
FPGA application. In Figure 28, the transaction is initiated by the FPGA application asserting Master address
enable (maenn), while providing the command word and the lower DWORD address on bus mwdata. On the sec-
ond clock, for 64-bit addressing, the upper DWORD address is supplied along with mwlastcycn. On the third
through tenth clocks, maenn is deasserted, the Master write data enable (mwdataenn) is asserted, and eight
DWORDs of data are provided on bus mwdata. On the tenth clock, mwlastcycn is asserted along with the last
DWORD of data. Since the protocol for providing start-up data is fixed for a specific operation, the FPGA applica-
tion can be preprogrammed with the sequence, or can use the value of the Master state counter (mstatecntr) to
assist in determination of the next required DWORD of information. The PCI core knows that this is a burst opera-
tion because the FPGA application deasserts the Master write burst signal (mwlastcycn) during all but the final
data transfer cycle. Execution begins on the PCI bus, as shown in Figure 26. If the Master write PCI bus hold signal
(mwpcihold) is inactive, PCI bus activity will begin when the Master write FIFO goes nonempty; otherwise, the PCI
bus activity will wait until all data is loaded, as in this case, or the FIFO goes full. Execution begins on the PCI bus,
as shown in Figure 26.
5-8848(F).a
Figure 26. Master Write 32-Byte Burst (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
T5
T6
T7
ADRS
D0
D1
D2
D3
CMD
BE0
BE1
BE2
BE3
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com