Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 51 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 51 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 47Page - Agere Systems OR3LP26B Datasheet HTML 48Page - Agere Systems OR3LP26B Datasheet HTML 49Page - Agere Systems OR3LP26B Datasheet HTML 50Page - Agere Systems OR3LP26B Datasheet HTML 51Page - Agere Systems OR3LP26B Datasheet HTML 52Page - Agere Systems OR3LP26B Datasheet HTML 53Page - Agere Systems OR3LP26B Datasheet HTML 54Page - Agere Systems OR3LP26B Datasheet HTML 55Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 184 page
background image
Lucent Technologies Inc.
51
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual
Port (continued)
Understanding and Using the pci_tcfg_stat Status
Signals
On the Target interface, there are two signals that con-
trol and provide status to the FPGA application. The
signal pci_tcfg_stat provides the status and tcfg-
shiftenn controls what information the status line pro-
vides. The pci_tcfg_stat signal is always active and
duplicates the status contained in configuration status
register at location offset 0x04, bits 24, 28, and 29. To
use this status output, the FPGA application must keep
tcfgshiftenn = 1. When high, pci_tcfg_stat provides
the wired-OR of the three status lines. If pci_tcfg_stat
gets set to a 1, indicating an error, then the FPGA
application may set tcfgshiftenn = 0 to determine indi-
vidual status. Once low, the pci_tcfg_stat signal will
output target abort signaled on the first clock, system
error signaled on the second clock, and parity error
detected on the third clock.
Initiating Target Aborts
There may be a need in an application to initiate a tar-
get abort condition on the PCI bus. In general, this is
asserted for only the most severe cases. The interface
signal, fpga_tabort, is used for this purpose. From the
PCI core's point of view, it needs to know whether to
perform a target abort at the very beginning of a trans-
action, so it is not possible to have a transaction
started, and then assert the fpga_tabort signal. The
signal fpga_tabort needs to be asserted before the
transaction begins, and it was not designed to be tog-
gled on and off from transaction to transaction. Once
an FPGA application determines that it wants to apply
a target abort to any master that accesses it, it would
assert the fpga_tabort signal high. All future target
accesses will be terminated in an abort. In generating
this signal, keep in mind that this signal needs to be
synchronous to pciclk.
Initiating PCI Target Retries
In contrast to target abort, many applications may
require to assert PCI target retries. In general, this may
be asserted for times when the FPGA application is
temporarily busy and unavailable to service PCI
requests. The interface signal, fpga_tretryn, is used
for this purpose. From the PCI core's point of view, it
needs to know whether to perform a target retry at the
very beginning of a transaction, so it is not possible to
have a transaction started and then assert the
fpga_tretryn signal. The signal fpga_tretryn needs to
be asserted before the transaction begins, and it was
not designed to be toggled on and off from transaction
to transaction. Once an FPGA application determines
that it wants to apply a target retry to any master that
accesses it, it would assert the fpga_tretryn signal
low. All future target accesses will be terminated in a
retry (disconnect without data). On the FPGA applica-
tion side, no activity will occur. In generating this signal,
keep in mind that this signal needs to be synchronous
to pciclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com