Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 98 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 98 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 94Page - Agere Systems OR3LP26B Datasheet HTML 95Page - Agere Systems OR3LP26B Datasheet HTML 96Page - Agere Systems OR3LP26B Datasheet HTML 97Page - Agere Systems OR3LP26B Datasheet HTML 98Page - Agere Systems OR3LP26B Datasheet HTML 99Page - Agere Systems OR3LP26B Datasheet HTML 100Page - Agere Systems OR3LP26B Datasheet HTML 101Page - Agere Systems OR3LP26B Datasheet HTML 102Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
98
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Quad Port (continued)
Master Read, Burst Transaction
Figure 32 (FPGA bus) and Figure 31 (PCI bus) show the timing of a four Quadword Master read burst. Operation is
similar to that in the Master read, nonburst transaction, but extra data words are supplied by the FPGA application.
In Figure 32, the transaction is initiated by the FPGA application asserting Master address enable (maenn), while
providing the command and burst length on bus mwdata. On the next clock, the FPGA application provides the
DWORD address and asserts mwlastcycn. On the third cycle, both maenn and mwlastcycn are deasserted. PCI
bus activity now begins as shown in Figure 31. Once data is transferred on the PCI bus and mr_emptyn is deas-
serted high, the FPGA application asserts mrdataenn and eight DWORDs of data are transferred on bus mrdata.
5-8850(F).a
Figure 31. Master Read 32-Byte Burst (PCI Bus, 64-Bit)
T0
T1
T2
T3
T4
T5
T6
T7
T8
ADRS
D0
D1
D2
D3
CMD
BE0
BE1
BE2
BE3
clk
framen
ad
c_ben
irdyn
trdyn
stopn
irdyn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com