Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 26 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 26 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 22Page - Agere Systems OR3LP26B Datasheet HTML 23Page - Agere Systems OR3LP26B Datasheet HTML 24Page - Agere Systems OR3LP26B Datasheet HTML 25Page - Agere Systems OR3LP26B Datasheet HTML 26Page - Agere Systems OR3LP26B Datasheet HTML 27Page - Agere Systems OR3LP26B Datasheet HTML 28Page - Agere Systems OR3LP26B Datasheet HTML 29Page - Agere Systems OR3LP26B Datasheet HTML 30Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
26
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Table 8. Embedded Core/FPGA Interface Signals (continued)
Symbol
I/O
Description
trburstpendn
O
Target Read Burst Data Availability Pending Flag. This active-low signal
directs the PCI core not to immediately disconnect when the Target read FIFO
becomes empty, but rather to insert PCI bus wait-states (up to the maximum
allowed, and then disconnect). Once asserted, this signal needs to remain
asserted for a minimum of two pciclk periods.
This signal must be synchronous to pciclk.
Miscellaneous Signals
pci_intan
O
PCI Interrupt Request. This active-low signal is used to generate a PCI bus
interrupt and is forwarded by the PCI core as intan onto the PCI bus. Once
asserted, this signal needs to remain asserted for a minimum of two pciclk
cycles.
This signal must be synchronous to pciclk.
fclk1
fclk2
O
O
FPGA Clock 1 and 2. Clocks for use by the PCI core for Master and Target
FIFOs. When the PCI clock domain extends into the FPGA, the FPGA may
reroute the PCI clock back into fclk1 or fclk2. External or user-defined clocks may
also be used. The signals fclk1 and fclk2 must be the same clock in dual-port
mode.
pciclk
I
PCI Clock. The signal pciclk is synchronous to clk and may be used by the
FPGA logic.
pci_rstn
I
PCI Reset for Use by the FPGA Logic. This active-low signal indicates that a
PCI bus reset was received from the PCI bus (rstn).
fpga_syserror
O
System Error. This active-high signal is used by the FPGA to generate a system
error on the PCI bus. This is passed to the PCI bus as serrn.
This signal must be synchronous to pciclk.
pci_64bit
I
PCI Bus in 64-Bit Mode. This active-high signal indicates that the PCI core
detected that it is connected as a 64-bit agent to the PCI bus. This is the result of
detecting PCI signal req64n as active (low) on the inactive-going (rising) edge of
PCI signal rstn. Note that this does not imply that any particular transaction is
64-bit, since each transaction is individually negotiated using PCI signals req64n
and ack64n.
This signal is synchronous to pciclk.
fifo_sel
O
FIFO Select. An active-high signal that is valid in the dual-port modes to select
either Master read data (fifo_sel = 0) or Target write data (fifo_sel = 1).
This signal must be synchronous to fclk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com