Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 20 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 20 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 16Page - Agere Systems OR3LP26B Datasheet HTML 17Page - Agere Systems OR3LP26B Datasheet HTML 18Page - Agere Systems OR3LP26B Datasheet HTML 19Page - Agere Systems OR3LP26B Datasheet HTML 20Page - Agere Systems OR3LP26B Datasheet HTML 21Page - Agere Systems OR3LP26B Datasheet HTML 22Page - Agere Systems OR3LP26B Datasheet HTML 23Page - Agere Systems OR3LP26B Datasheet HTML 24Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
20
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description (continued)
Table 7. PCI Bus Pin Descriptions (continued)
Symbol
I/O
Description
serrn
O
System Error. An active-low open drain signal pulsed by agents to report errors
other than parity. serrn is sampled every clk edge, so any agent asserting serrn
must ensure it is valid for at least one clock period. The OR3LP26B asserts serrn if
a Master abort sequence is asserted when the Master controller is accessing the
PCI bus.
Interrupt Pins
intan
O
PCI Interrupt. The OR3LP26B asserts this active-low open drain signal when it
requests an interrupt from the PCI compliant interrupt controller.
64-Bit Bus Extension Pins
ad[63:32]
I/O
64-Bit Address and Data. These signals provide the upper 32 bits of address and
data when in PCI 64-bit operation. During an address phase (when using the DAC
command and when req64n is asserted), these address bits are transferred. Dur-
ing a data phase, the data is valid when req64n and ack64n are both asserted.
Otherwise, these bits are 3-stated.
c_ben[7:4]
I/O
Byte Enables. These are the upper four, active-low, bus command and byte
enables when in PCI 64-bit operation. During an address phase (when using the
DAC command and when req64n is asserted), the bus command is transferred.
During a data phase, these bits are the active-low byte enables for data bits 64:32.
Otherwise, these bits are 3-stated.
req64n
I/O
Request 64-Bit Transfer. This active-low signal is asserted by the current bus
Master to indicate that it desires to transfer data using 64 bits. The signal req64n
has the same meaning as framen for 32-bit transfers.
ack64n
I/O
Acknowledge 64-Bit Transfer. The Target drives this signal low to indicate that it
has decoded its own address as the Target of the current access and that it can do
64-bit transfers. The signal ack64n has the same timing as devseln in 32-bit trans-
fers.
par64
I/O
Upper Double-Word Parity. The even parity bit that covers ad[63:32] and
c_ben[7:4]. PAR64 is valid one clock after the initial address phase when req64n is
asserted and the DAC command is indicated on c_ben[7:4]. It is also valid the
clock cycle after the second address phase of a DAC command when req64n is
asserted.
Hot Swap Function Pins
enumn
O
Active-low open drain signal that notifies the system host that the card has been
freshly inserted or is about to be extracted. The system host can then either install
(for insertion) or quiesce (for extraction) the card’s driver to adjust for the change in
system configuration.
ledn
O
Active-low open-drain signal that drives a blue LED, indicating that removal of the
card is permitted. This signal is asserted low whenever the LED ON/OFF (LOO) bit
in the hot swap control and status register (HSSCR) is asserted high.
ejectsw
I
Active-high signal that indicates that the card’s ejector handle is unseated. This sig-
nals that the operator has freshly inserted the card, or will extract the card when the
blue LED illuminates. If not used, tie high or low.
vio
I
PCI Bus Signaling Environment Voltage. This input indicates to the PCI core the
signaling environment being employed on the PCI bus. The input is tied to the
appropriate voltage supply (either 5.0 V or 3.3 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com