Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 12 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 12 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 8Page - Agere Systems OR3LP26B Datasheet HTML 9Page - Agere Systems OR3LP26B Datasheet HTML 10Page - Agere Systems OR3LP26B Datasheet HTML 11Page - Agere Systems OR3LP26B Datasheet HTML 12Page - Agere Systems OR3LP26B Datasheet HTML 13Page - Agere Systems OR3LP26B Datasheet HTML 14Page - Agere Systems OR3LP26B Datasheet HTML 15Page - Agere Systems OR3LP26B Datasheet HTML 16Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 184 page
background image
12
12
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
OR3LP26B Overview (continued)
OR3LP26B PCI Bus Core Overview
The OR3LP26B embedded core comprises a PCI bus
interface with independent Master and Target control-
lers, FIFO memories and control logic for data buffer-
ing, a dual-/quad-port interface to the FPGA logic
which performs data packing and multiplexing, and
logic to support embedded core and FPGA configura-
tion. Each of these areas is briefly described in the fol-
lowing paragraphs. A detailed description of all of the
features and functionality of the OR3LP26B embedded
core is provided in the next section.
PCI Bus Interface
The OR3LP26B PCI bus interface is compliant to Revi-
sion 2.2 of the PCI Local Bus specification. It is capable
of no-wait-state, full-burst operation at all of the
rate/data width combinations described in Table 2 as
well as at a 50 MHz specification that provides a speed
increase over the 33 MHz specification and a larger
bus loading capability than the 66 MHz specification.
The OR3LP26B operates in either the 3.3 V or 5 V PCI
signaling environment and is automatically configured
for the appropriate environment by a PCI bus vio pin.
Independent Master and Target controllers are pro-
vided for use in systems requiring Master/Target or Tar-
get only operation. Six 32-bit base address registers
(BARs) are provided for choosing the address space of
the PCI device, and these six registers can be com-
bined in pairs to produce 64-bit BARs. Dual address
cycles are supported in both 32-bit and 64-bit address-
ing modes. The BARs work in either the I/O or the
memory space of the device, and can be configured as
prefetchable or nonprefetchable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com