Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 66 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 66 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 62Page - Agere Systems OR3LP26B Datasheet HTML 63Page - Agere Systems OR3LP26B Datasheet HTML 64Page - Agere Systems OR3LP26B Datasheet HTML 65Page - Agere Systems OR3LP26B Datasheet HTML 66Page - Agere Systems OR3LP26B Datasheet HTML 67Page - Agere Systems OR3LP26B Datasheet HTML 68Page - Agere Systems OR3LP26B Datasheet HTML 69Page - Agere Systems OR3LP26B Datasheet HTML 70Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
66
Lucent Technologies Inc.
Lucent Technologies Inc.
PCI Bus Core Detailed Description Dual Port (continued)
Target Read Memory, Nonburst, No Delayed Transaction
Figure 21 (PCI bus) and Figure 20 (FPGA bus) show the timing for a Target memory nonburst read handled as an
immediate (nondelayed) transaction. The FPGA application indicates its desire to do this by deasserting signal del-
trn. The timing on the PCI interface is shown in Figure 21. Here the PCI core accepts the transaction without issu-
ing a retry but does not immediately assert trdyn. Wait-states are inserted until the requested data is placed in the
Target read FIFO, at which time trdyn is asserted and the data is returned. If the FPGA application cannot fetch the
data within the initial/subsequent latency time, the PCI core issues a retry or disconnect without data. The FPGA
interface timing is as shown in Figure 20, and is the same as the timing in the accesses of Target I/O read, delayed
transaction, Target I/O read, no delayed transaction, and Target read memory nonburst, delayed transaction.
5-8859(F).a
Figure 21. Target Memory Read Single, Not Delayed (PCI Bus, 64-Bit)
T0
T1
T2
T3
Tn0
Tn1
Tn2
Tn3
X
ADDRESS
X
X
DATA
X
X
CMD: MEM RD
BYTE ENABLES
BYTE ENABLES
X
clk
framen
ad
c_ben
irdyn
devseln
trdyn
stopn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com