Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR3LP26B Datasheet(PDF) 19 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 19 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 15Page - Agere Systems OR3LP26B Datasheet HTML 16Page - Agere Systems OR3LP26B Datasheet HTML 17Page - Agere Systems OR3LP26B Datasheet HTML 18Page - Agere Systems OR3LP26B Datasheet HTML 19Page - Agere Systems OR3LP26B Datasheet HTML 20Page - Agere Systems OR3LP26B Datasheet HTML 21Page - Agere Systems OR3LP26B Datasheet HTML 22Page - Agere Systems OR3LP26B Datasheet HTML 23Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 184 page
background image
Lucent Technologies Inc.
19
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description (continued)
Table 7. PCI Bus Pin Descriptions (continued)
Symbol
I/O
Description
Interface Control Pins
framen
I/O
Cycle Frame. An active-low signal driven by the current Master to indicate the
beginning and duration of an access. The signal framen is asserted to indicate a
bus transaction is beginning. While framen is asserted, data transfers continue.
When framen is deasserted, the transaction is in the final phase or has completed.
irdyn
I/O
Initiator Ready. An active-low signal indicating the bus Master’s ability to complete
the current data phase of the transaction. The signal irdyn is used in conjunction
with trdyn. A data phase is completed on any clock cycle during which both irdyn
and trdyn are asserted. During a write, irdyn indicates that valid data is present on
ad[31:0]. During a read, it indicates the Master is prepared to accept data. Wait
cycles are inserted until both irdyn and trdyn are asserted together.
trdyn
I/O
Target Ready. An active-low signal asserted to indicate the readiness of the Tar-
get’s agent to complete the current data phase of the transaction. The signal trdyn
is used in conjunction with irdyn. A data phase is completed on any clock where
both trdyn and irdyn are sampled active. During reads, trdyn indicates that valid
data is present on ad[31:0] lines. During write cycles, trdyn indicates that the Tar-
get is prepared to accept data.
stopn
I/O
STOPn. Indicates that the current Target is requesting the Master to stop the cur-
rent transaction.
idsel
I
Initialization Device Select. Used as a chip select during PCI configuration read
and write transactions. Generally, the user ties idsel to one of the upper 24 address
lines, ad[31:8].
devseln
I/O
Device Select. An active-low input indicating that a device on the bus has been
selected. As an output, it indicates that the driving device has decoded its address
as the Target of the current access.
Arbitration Pins (for Bus Master Only)
reqn
O
Request. An active-low signal that indicates to the arbiter that the asserting agent
desires use of the bus. In the OR3LP26B, this signal is asserted when the
OR3LP26B Master controller needs access to the PCI bus.
gntn
I
Grant. An active-low signal that indicates to the OR3LP26B that access to the PCI
bus has been granted.
Error Reporting Pins
perrn
I/O
Parity Error. An active-low signal for the reporting of data parity errors during all
PCI transactions except a special cycle. The perrn pin is a sustained 3-state signal
and must be driven active by the agent receiving data two clocks following the data
when a data parity error is detected. The minimum duration of perrn is one clock for
each data phase that a data parity error is detected. If sequential data phases each
have a data parity error, the perrn signal will be asserted for more than a single
clock. perrn is driven high for one clock before being 3-stated. The signal perrn is
not asserted until it has claimed the access by asserting devseln and completed a
data phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com