Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 1 Page - STMicroelectronics

  UM0432 Datasheet HTML 1Page - STMicroelectronics UM0432 Datasheet HTML 2Page - STMicroelectronics UM0432 Datasheet HTML 3Page - STMicroelectronics UM0432 Datasheet HTML 4Page - STMicroelectronics UM0432 Datasheet HTML 5Page - STMicroelectronics UM0432 Datasheet HTML 6Page - STMicroelectronics UM0432 Datasheet HTML 7Page - STMicroelectronics UM0432 Datasheet HTML 8Page - STMicroelectronics UM0432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
October 2008
Rev 2
1/53
UM0432
User manual
Low voltage motor control demonstration board
based on ST7MC MCU
Introduction
The low-voltage motor control demonstration board (also referred to by its order code
STEVAL-IHM015V1) is a complete development platform for low-voltage motor control
applications. Based on a cost-effective, flexible and open design, it allows easy
demonstration of ST7MC capabilities to drive low-voltage synchronous motors. It includes
an ST7MC 8-bit microcontroller with a 16-Kbyte internal Flash memory. The STEVAL-
IHM015V1 comes with all the hardware necessary for developing motor control applications
based on ST7MC peripherals including a motor control peripheral (MTC) and serial
communication interface (SCI). The STEVAL-IHM015V1 uses an in-circuit communication
(ICC) standard interface to connect to the host PC via in-circuit debuggers/programmers
such as the in DART-STX board from Softec. The board’s power stage is designed to
support up to 25 A and up to 48 V. With the included power MOSFET device STS8DNH3LL
in SO-8 package, the maximum input voltage is 30 V and the maximum current rating is 8 A.
The power supply stage can be easily configured to accept a wide range of input voltages.
Figure 1.
STEVAL-IHM015V1
Features
■ Voltage range from 5 to 48 V
■ Maximum current up to 25 A
■ Power MOSFET STS8DNH3LL (dual n-channel) 8 A/30 V included
■ Compatible with power MOSFET in SO-8 and DPAK packages
■ 10 V auxiliary power supply connector
■ Serial communication interface connector
■ Programming and debug support via a 10-pin ICC connector
■ On-board 2 K-bit (256 bytes) serial memory
■ Four potentiometers for runtime settings
■ Start/stop button
■ Reset button
■ Debug pins available
www.st.com


Similar Part No. - UM0432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0434 STMICROELECTRONICS-UM0434 Datasheet
3Mb / 390P
The primary objective of this user?셲 manual is to describe
29-Nov-2013
UM0438 STMICROELECTRONICS-UM0438 Datasheet
427Kb / 50P
This user manual defines a programming model for use with the variable-length encoding
01-Jul-2007
More results

Similar Description - UM0432

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
logo
Texas Instruments
MDL-STEPPER TI-MDL-STEPPER Datasheet
203Kb / 4P
Stepper Motor Control Board
logo
STMicroelectronics
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
26-Apr-2011
UM0723 STMICROELECTRONICS-UM0723 Datasheet
826Kb / 48P
1 kW three-phase motor control demonstration board
28-Jun-2011
UM0971 STMICROELECTRONICS-UM0971 Datasheet
1Mb / 45P
STEVAL-IHM031V1 low voltage three-phase inverter demonstration board
27-Oct-2010
UM0900 STMICROELECTRONICS-UM0900 Datasheet
1Mb / 43P
1 kW 3-phase motor control demonstration board featuring
25-May-2010
UM0969 STMICROELECTRONICS-UM0969 Datasheet
3Mb / 46P
3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
21-Feb-2012
UM1483 STMICROELECTRONICS-UM1483 Datasheet
597Kb / 35P
Low power motor control board STEVAL-IHM036V1
30-Nov-2011
STEVAL-PCC009V4 STMICROELECTRONICS-STEVAL-PCC009V4 Datasheet
420Kb / 8P
Opto-isolated universal USB to serial bridge demonstration board for motor control applications
16-Jul-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com