Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 42 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 38Page - STMicroelectronics UM0432 Datasheet HTML 39Page - STMicroelectronics UM0432 Datasheet HTML 40Page - STMicroelectronics UM0432 Datasheet HTML 41Page - STMicroelectronics UM0432 Datasheet HTML 42Page - STMicroelectronics UM0432 Datasheet HTML 43Page - STMicroelectronics UM0432 Datasheet HTML 44Page - STMicroelectronics UM0432 Datasheet HTML 45Page - STMicroelectronics UM0432 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Motor control operations
UM0432
42/53
Also change the following define in the mtc.h file:
#define mem_MCRC_GE ((u8)71)
7.6
Driving the BLDC motor (trapezoidal - sensored)
This section describes how to drive the brushless permanent magnet motor with three hall
60° sensors. First you should check that the board has been set-up for BLDC 60° sensor
driving (see Section 7.4.4).
7.6.1
Specific sensor connections
In order to be driven correctly, the motor must have three position sensors, in this case three
hall sensors. For this demonstration, we suggest using one Ametek BLDC blower motor
(voltage max 30 Vdc).
Use the connections described in Table 17 to connect the motor to the power board.
7.6.2
Specific jumper settings
Set-up the board following the instructions in Section 7.4.12 (bus voltage between 9 and 28
V) and Section 7.4.13.
Set-up the board as per Table 18.
7.6.3
LED action after power-on
Turn on the power supply. For this demonstration, the power supply output voltage should be
set to 20 Vdc and the current limitation of the power supply should be set to 4 A.
Table 17.
"BLDC sensored" motor connections
Motor
Power board
Phase A (red)
J10 pin 1
Phase B (yellow)
J10 pin 2
Phase C (black)
J10 pin 3
Hall sensor 1 (white)
J14 pin 1
Hall sensor 2 (green)
J14 pin 2
Hall sensor 3 (blue)
J14 pin 3
Hall sensor +5V (red)
J14 pin 4
Hall ground (black)
J14 pin 5
Table 18.
BLDC SR jumper settings
Driving mode
Jumper settings
BLDC_3PH_SR
J11 open, J12 open, J13 between 2-3
J15 open, J16 open, J17 between 2-3
J18 open, J19 open, J20 between 2-3
J3 closed, J4 variable (2-3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com