Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 43Page - STMicroelectronics UM0432 Datasheet HTML 44Page - STMicroelectronics UM0432 Datasheet HTML 45Page - STMicroelectronics UM0432 Datasheet HTML 46Page - STMicroelectronics UM0432 Datasheet HTML 47Page - STMicroelectronics UM0432 Datasheet HTML 48Page - STMicroelectronics UM0432 Datasheet HTML 49Page - STMicroelectronics UM0432 Datasheet HTML 50Page - STMicroelectronics UM0432 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
UM0432
Bill of materials
47/53
8
Bill of materials
Table 23.
Bill of materials
Item
Reference
Part
Footprint
1
C1
1 nF/25 V (NC)
smd 0805
2
C2
100 nF/25 V (NC)
smd 0805
3
C3
1 µF/25 V
Through hole
4
C4,C5,C6,C8,C34
10 nF/50 V
smd 0805
5
C7,C9,C10,C11,C21
100 nF/50 V
smd 0805
6
C12
1 nF/50 V (NC)
smd 0805
7
C13,C31
100 nF/25 V
smd 0805
8
C22
1 µF/10 V
Through hole
9
C23
100 µF/25 V
Through hole
10
C24
330 µF/50 V (42 m
Ω)
Through hole
11
C25
100 µF/25 V (150 m
Ω)
Through hole
12
C26
220 nF/50 V
smd 0805
13
C43,C44,C45
220 nF/50 V
smd 0805
14
C27
100 pF/50 V
smd 0805
15
C28,C32
1 µF/25V
Through hole
16
C29
3.3 nF/50 V
smd 0805
17
C30,C40
22 nF/50 V
smd 0805
18
C33
1 µF 25 V
Through hole
19
C39
10 µF 16 V
Through hole
20
C41
220 pF/50 V
smd 0805
21
C42
100 µF 16 V
Through hole
22
D1
Green LED
SMD
23
D2
Red LED
SMD
24
D4
Green LED
Through hole
25
D3
STMicroelectronics 1.5KE15A
Through hole
26
D5
STMicroelectronics STPS1L60A
smd
27
D6,D7,D8,D9,D10,D11
1N4148
Through hole
28
D14,D15
STMicroelectronics STPS2L25U
smd
29
JP1
4-pin strip-line male
Through hole
30
J1
ICC connector: HE10 male type
Through hole
31
J2,J3
2-pin strip-line male
Through hole
32
J4,J8,J11,J12,J13,J15,
J16,J17,J18,J19,J20,J21
3-pin strip-line male
Through hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com