Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 35Page - STMicroelectronics UM0432 Datasheet HTML 36Page - STMicroelectronics UM0432 Datasheet HTML 37Page - STMicroelectronics UM0432 Datasheet HTML 38Page - STMicroelectronics UM0432 Datasheet HTML 39Page - STMicroelectronics UM0432 Datasheet HTML 40Page - STMicroelectronics UM0432 Datasheet HTML 41Page - STMicroelectronics UM0432 Datasheet HTML 42Page - STMicroelectronics UM0432 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
UM0432
Motor control operations
39/53
During any state: idle, start, run or brake, a blinking red LED together with the brake of the
motor indicates a fault condition. A fault condition is due to one of the following:
●
hardware overcurrent: current flowing inside the motor reaches a value greater than the
maximum allowed current of 7.65 A – see Section 7.4.16.
●
Over-voltage: the bus voltage reaches a value greater than 29 Vac.
●
Over-temperature: the on-board temperature sensor measures a temperature greater
than 110° C.
●
Start-up failed: the start-up phase ends without getting a sufficient number of valid zero
crossing events.
●
Motor stalled: during the running of the motor no zero crossing events have been
observed.
Note:
Blinking of the red LED during the running of the motor indicates that a software current
limitation is in action.
7.5.6
Changing the real-time parameters
The real-time parameters can be changed using the potentiometers of the control board.
Table 15 explains the potentiometer functionality based on the driving strategy.
If during the GUI configuration phase the "from RV1" control was unchecked, the value of
the duty cycle (or the value of the current reference) is not set by P1 but has a fixed value.
If during the GUI configuration phase the "from RV2 - RV3" control was unchecked, the
value of the rising delay coefficient and the value of the falling delay coefficient are not set by
P2 and P3 but have fixed values.
The maximum duty cycle allowed in voltage mode depends on the value of the PWM
frequency and the value of the PWM minimum off time set by the GUI.
Table 15.
Potentiometer functionality based on open/closed loop driving strategy
Voltage mode
Open loop
Closed loop
P1
Sets the duty cycle percentage from 0% to the
maximum duty cycle allowed.
Sets the target rotor frequency value from the
minimum value to the maximum value configured
(see Section 7.4.4)
P2
Sets the value of the rising delay coefficient from 0 to 255
P3
Sets the value of the falling delay coefficient from 0 to 255
P4
Not used
Current mode
Open loop
Closed loop
P1
Sets the current reference value from 0 A to the
maximum current allowed.
Sets the target rotor frequency value from the
minimum value to the maximum value configured
(see Section 7.4.4)
P2
Sets the value of the rising delay coefficient from 0 to 255
P3
Sets the value of the falling delay coefficient from 0 to 255
P4
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com