Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 6Page - STMicroelectronics UM0432 Datasheet HTML 7Page - STMicroelectronics UM0432 Datasheet HTML 8Page - STMicroelectronics UM0432 Datasheet HTML 9Page - STMicroelectronics UM0432 Datasheet HTML 10Page - STMicroelectronics UM0432 Datasheet HTML 11Page - STMicroelectronics UM0432 Datasheet HTML 12Page - STMicroelectronics UM0432 Datasheet HTML 13Page - STMicroelectronics UM0432 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
ST7FMC2S4T6 microcontroller functions
UM0432
10/53
3
ST7FMC2S4T6 microcontroller functions
3.1
Main features
●
TQFP44 package.
●
16 Kbyte dual-voltage Flash program memory with read-out protection capability.
●
768 bytes of RAM (256 stacked bytes).
●
Clock, reset and supply management with:
–
enhanced reset system,
–
enhanced low-voltage supervisor (LVD) for the main supply and auxiliary voltage
detector (AVD) with interrupt capability,
–
clock sources: crystal/ceramic resonator oscillators and bypass for the external
clock, clock security system,
–
four power-saving modes: halt, active-halt, wait and slow.
●
Configurable window watchdog timer.
●
Nested interrupt controller with 14 interrupt vectors.
●
Two 16-bit timers.
●
One 8-bit auto-reload timer.
●
Serial peripheral interface (SPI).
●
Serial communication interface (LINSCI™).
●
Motor controller (MTC) peripheral with:
–
6 high-sink pulse-width modulator (PWM) output channels,
–
asynchronous emergency stop,
–
analog inputs for rotor position detection,
–
permanent magnet motor coprocessor including multiplier, programmable filters,
blanking windows and event counters,
–
op-amp and comparator for current limitations.
●
10-bit analog-to-digital converter (ADC) with 11 inputs.
●
In-circuit communication interface (ICC, debug).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com