Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 17Page - STMicroelectronics UM0432 Datasheet HTML 18Page - STMicroelectronics UM0432 Datasheet HTML 19Page - STMicroelectronics UM0432 Datasheet HTML 20Page - STMicroelectronics UM0432 Datasheet HTML 21Page - STMicroelectronics UM0432 Datasheet HTML 22Page - STMicroelectronics UM0432 Datasheet HTML 23Page - STMicroelectronics UM0432 Datasheet HTML 24Page - STMicroelectronics UM0432 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
UM0432
Motor control operations
21/53
7
Motor control operations
7.1
Environmental considerations
Warning:
The STEVAL-IHM015V1 demonstration board must only be
used in a power laboratory. The voltage used in the drive
system presents a shock hazard.
The kit is not electrically-isolated from the DC input. This topology is very common in motor
drives. The microprocessor is grounded by the integrated Ground of the DC bus. The
microprocessor and associated circuitry are hot and MUST be isolated from user controls
and serial interfaces.
Warning:
Any measurement equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the DC supply
AND the oscilloscope. This prevents a shock occurring as a
result of touching any SINGLE point in the circuit, but does
NOT prevent shocks when touching two or more points in the
circuit.
An isolated DC power supply can be constructed using an isolation transformer and a
variable transformer. A schematic of this DC power supply is shown in the application note,
"AN438, TRIAC + Microcontroller: safety precautions for development tools" (although this
application note was written for TRIAC, the isolation constraints still apply for switching
semiconductor devices such as MOFSETs.)
Note:
Isolating the application rather than the oscilloscope is highly recommended in any case.
7.2
Hardware requirements
To set-up the STEVAL-IHM015V1 demonstration board system, the following items are
required.
●
The board itself: STEVAL-IHM015V1
●
An insulated DC power supply up to 24 V, 8 A
●
Softec’s inDART-STX (not included in the package)
●
Softec’s ICC isolation board (not included in the package)
●
Two 10-pin flat cables (not included in the package)
●
A brushless PM motor Ametek (not included in the package)
●
An insulated oscilloscope (as needed)
●
An insulated multimeter (as needed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com