| Electronic Components Datasheet Search |
|
UM0432 Datasheet(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0432 Datasheet(HTML) 24 Page - STMicroelectronics |
|
24 / 53 page ![]() Motor control operations UM0432 24/53 7.4.2 Configuring the firmware using the GUI Before actually using the firmware, it must be configured. The term configure indicates the act of selecting a specific driving strategy, such as open or closed loop, voltage or current mode, and so on. Customized parameters such as current limitation, motor settings, driving related parameters and so on are also indicated. The firmware is configured by compiling a set of ".h" files inside the source folder and writing a series of values as fields of #define statements. To perform this configuration, solid knowledge of the hardware and architecture of the firmware is required. Otherwise, the configuration tool provided inside the CD-ROM called "LV ST7MC - GUI" can be used. This tool allows you to choose and set all the required parameters visually and enables the software to automatically generate the required ".h" files (Table 7 shows the ".h" configurations files related to each firmware). For a detailed description of the configuration files and how to manually customize the related parameters refer to AN1905 and AN1947. 7.4.3 Motor type selection Once the "LV ST7MC - GUI" is started, the Motor Type Choice dialog box appears (see Figure 13). In this window, you can select the kind of motor (PM brushless) and the driving strategy (sinusoidal or trapezoidal). The two options are: ● "3-phase BLAC/DC (trapezoidal)" to select a PM brushless motor trapezoidal-driven, or ● "3-phase PMAC Motor (sinewave)" to select a PM brushless motor sinusoidal-driven. Table 7. ".h" configuration files Firmware name Configuration files BLAC_3PH_SR PMACparam.h config.h Mainparam.h MTCparam.h BLDC_3PH_SL MTC_Settings_Sensorless.h spec_settings.h version.h BLDC_3PH_SR MTC_Settings_Sensor.h spec_settings.h version.h |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |