Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 10Page - STMicroelectronics UM0432 Datasheet HTML 11Page - STMicroelectronics UM0432 Datasheet HTML 12Page - STMicroelectronics UM0432 Datasheet HTML 13Page - STMicroelectronics UM0432 Datasheet HTML 14Page - STMicroelectronics UM0432 Datasheet HTML 15Page - STMicroelectronics UM0432 Datasheet HTML 16Page - STMicroelectronics UM0432 Datasheet HTML 17Page - STMicroelectronics UM0432 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
Board architecture
UM0432
14/53
6
Board architecture
The STEVAL-IHM015V1 can be schematized as shown in Figure 4.
Figure 4.
Board architecture
The control board’s core is the ST7MC microcontroller with a dedicated peripheral included
to drive the 3-phase brushless motor.
The user interface is made up of four potentiometers (P1, P2, P3, P4) used to set
parameters related to the specific drive (see Section 7).
Two push-button switches are also implemented.
●
A Reset button for hardware resets.
●
A Start/Stop button used to start and stop the motor drive (seeSection 7).
Two LEDs (green/red), each related to a specific drive, are used to obtain a status on the
system (see Section 7).
In normal functioning mode, the board is supplied by the VBUS connector J5 but an auxiliary
supply connector (J6) is included on the board to feed the drivers and the microcontroller.
The board is supplied with a 2-Kbit EEPROM (M95020) connected to the micro by the SPI
bus. To enable the on-board EEPROM memory, the J2 jumper must be closed and the
debug feature must be disabled inside the firmware. J4 can be set by connecting a jumper
between pins 1-2 or 2-3. This setting is related to a specific drive (see Section 7).
Two communication systems can be established with the microcontroller.
●
ICC: used for programming/debugging purposes.
●
SCI: used for data exchanges through the SDI connector.
ST7MC
Power
Supply
PWMs
Communication
I/O
5V
User Interface
5V..48V
M
Vdriver
H
R
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com