Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 25Page - STMicroelectronics UM0432 Datasheet HTML 26Page - STMicroelectronics UM0432 Datasheet HTML 27Page - STMicroelectronics UM0432 Datasheet HTML 28Page - STMicroelectronics UM0432 Datasheet HTML 29Page - STMicroelectronics UM0432 Datasheet HTML 30Page - STMicroelectronics UM0432 Datasheet HTML 31Page - STMicroelectronics UM0432 Datasheet HTML 32Page - STMicroelectronics UM0432 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
UM0432
Motor control operations
29/53
7.4.6
”3-phase PMAC motor (sinewave)" settings
Figure 16.
"3-phase PMAC motor (sinewave)" basic parameters window
Table 10.
"3-phase PMAC motor (sinewave)" basic parameters
Parameter name
Description
Poles pairs
Number of pole (north/south) pairs in the motor.
Speed regulation
Manner in which to run the motor, either open loop (without speed regulation) or
closed loop (with speed regulation).
Sensor configuration
Number of hall sensors on the motor: one, two or three sensors.
Synchronous speed
Min
Sets the target minimum stator frequency in Hz for closed-loop mode.
Max
Sets the target maximum stator frequency in Hz for closed-loop mode.
V/F (voltage vs. frequency) curve limitation
Min voltage
Sets the voltage level (expressed as a part of the 255th of the bus voltage) in the
first corner of the V/F curve.
Low frequency
Sets the frequency of the first corner of the V/F curve in Hz.
High frequency
Sets the frequency of the second corner of the V/F curve in Hz.
Start-up settings
Voltage slew rate
Affects the slew rate of the voltage during the motor start-up phase before
reaching the potentiometer set value (only in open loop).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com