Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 23Page - STMicroelectronics UM0432 Datasheet HTML 24Page - STMicroelectronics UM0432 Datasheet HTML 25Page - STMicroelectronics UM0432 Datasheet HTML 26Page - STMicroelectronics UM0432 Datasheet HTML 27Page - STMicroelectronics UM0432 Datasheet HTML 28Page - STMicroelectronics UM0432 Datasheet HTML 29Page - STMicroelectronics UM0432 Datasheet HTML 30Page - STMicroelectronics UM0432 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
UM0432
Motor control operations
27/53
7.4.5
"3-phase BLAC/DC (trapezoidal)" advanced settings
When you click on the Advanced Settings button (see Figure 14) the Advanced Settings
dialog box appears (see Figure 15). This is where the advanced "3-phase BLAC/DC
(trapezoidal)" motor type parameters are set.
Figure 15.
"3-phase BLAC/DC (trapezoidal)" advanced parameters window
B-emf rising edge
B-EMF rising edge delay coefficient value (from 0 to 255).
B-emf falling edge
B-EMF falling edge delay coefficient value (from 0 to 255).
Closed-loop parameter (only in closed loop)
Integral coefficient (Ki)
Value of the integral coefficient (Ki) of the proportional integrative (PI) regulator.
Proportional coefficient
(KP)
Value of the proportional coefficient (Kp) of the PI regulator.
Sampling time
Regulation sampling time (in milliseconds).
Change motor type
The Change Motor Type button enables the user to change the motor type (see
Figure 13).
Advanced settings
The Advanced Settings button enables the user to set the advanced parameters (see
Section 7.4.5).
Generate source files
The Generate Source Files button enables the user to generate the configuration ".h"
files shown in Table 7: ".h" configuration files. A "Save" dialog window appears, where the
user can select the folder in which to create the file. The user must choose the correct
"Source" directory in the firmware working folder (see Section 7.4.1).
Table 8.
"3-phase BLAC/DC (trapezoidal)" basic parameters (continued)
Parameter name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com