Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 44Page - STMicroelectronics UM0432 Datasheet HTML 45Page - STMicroelectronics UM0432 Datasheet HTML 46Page - STMicroelectronics UM0432 Datasheet HTML 47Page - STMicroelectronics UM0432 Datasheet HTML 48Page - STMicroelectronics UM0432 Datasheet HTML 49Page - STMicroelectronics UM0432 Datasheet HTML 50Page - STMicroelectronics UM0432 Datasheet HTML 51Page - STMicroelectronics UM0432 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Bill of materials
UM0432
48/53
33
J5
Vbus-2-WAY screw terminal
Through hole
34
J6
+10 V
Through hole
35
J10
Phase OUT-3-WAY screw terminal
Through hole
36
J14
5-pin strip-line male
Through hole
37
J22,J27
1-pin strip-line male
Through hole
38
J23,J24
3-pin strip-line male
Through hole
39
L1
470 µH 0.35 A
SMD
40
L3
15 µH 1 A
SMD 1210
41
NTC1
10 k
Ω
SMD 0603
42
R12,R13,R19,R64,R68,
R72,R73,R75
10 k
Ω - 1/4 W
SMD 1206
43
P1,P2,P3
50 k
Ω - trimmer
Through hole
44
P4
100 k
Ω - trimmer
Through hole
45
R20
100 k
Ω - 1/4 W
SMD 1206
46
Q8
STMicroelectronics STN4NF03L
SMD
47
Q9,Q10,Q11,Q12,Q13,Q14,
Q15,Q16,Q17,Q18,Q19,Q20
(NC)
SMD
48
RF1,RF2,RF3
330 k
Ω - 1/4 W
SMD 1206
49
R1,R4,
680
Ω - 1/4 W
SMD 1206
50
R1,R50,R63,R71
470 - 1/4 W
SMD 1206
51
R2
100 k
Ω - 1/4 W (NC)
SMD 1206
52
R3,R5,R6
10 k
Ω - 1/4 W (NC)
SMD 1206
53
R7,R8,R17,R18,R67
4 7 k
Ω - 1/4 W
SMD 1206
54
R9,R10,R11
(NC)
SMD 1206
55
R14
100
Ω - 1/4 W
SMD 1206
56
R15
1 M
Ω - 1/4 W
SMD 1206
57
R16
1.2 k
Ω - 1/4 W
SMD 1206
58
R21
33 k
Ω - 1/4 W
SMD 1206
59
R26
470
Ω - 1/4 W
SMD 1206
60
R27,R41,R53,R65
15 k
Ω - 1/4 W
SMD 1206
61
R28
4.6 k
Ω - 1/4 W
SMD 1206
62
R29
18 k
Ω - 1/4 W
SMD 1206
63
R30
3.3 k
Ω - 1/4 W
SMD 1206
64
R31,R45,R57
200
Ω - 1/4 W
SMD 1206
65
R32,R47,R59,R69
22 k
Ω - 1/4 W
SMD 1206
Table 23.
Bill of materials (continued)
Item
Reference
Part
Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com