Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 8Page - STMicroelectronics UM0432 Datasheet HTML 9Page - STMicroelectronics UM0432 Datasheet HTML 10Page - STMicroelectronics UM0432 Datasheet HTML 11Page - STMicroelectronics UM0432 Datasheet HTML 12Page - STMicroelectronics UM0432 Datasheet HTML 13Page - STMicroelectronics UM0432 Datasheet HTML 14Page - STMicroelectronics UM0432 Datasheet HTML 15Page - STMicroelectronics UM0432 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
STS8DNH3LL characteristics
UM0432
12/53
4
STS8DNH3LL characteristics
The STS8DNH3LL is a dual N-channel power MOSFET in SO-8 package (30 V, 0.018
Ω,
8 A), featuring a low gate charge and STripFET™ III.
Figure 3.
STS8DNH3LL
●
VDSS = 30 V
●
RDS(on) = 0.018 Ω
●
ID = 8 A
Note:
Stresses above the limits shown in Table 2 may cause permanent damage to the device.
Table 2.
STS8DNH3LL absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain source voltage (VGS = 0)
30
V
VDGR
Drain gate voltage (RGS = 20 kΩ)30
V
VGS
Gate source voltage
± 16
V
ID
Drain current (continuous) at TC = 25 °C
8
A
ID
Drain current (continuous) at TC = 100 °C
5
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
32
A
Ptot
Total dissipation at TC = 25 °C
2
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com