Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 29Page - STMicroelectronics UM0432 Datasheet HTML 30Page - STMicroelectronics UM0432 Datasheet HTML 31Page - STMicroelectronics UM0432 Datasheet HTML 32Page - STMicroelectronics UM0432 Datasheet HTML 33Page - STMicroelectronics UM0432 Datasheet HTML 34Page - STMicroelectronics UM0432 Datasheet HTML 35Page - STMicroelectronics UM0432 Datasheet HTML 36Page - STMicroelectronics UM0432 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
UM0432
Motor control operations
33/53
Note:
1
Make sure that the following string: "<firmware name>.elf - 0 error(s), 0 warning(s)" is
displayed inside the output pane after the building of the executable.
2
After the building of the executable, ensure that the file "<firmware name>.s19" generated
inside the "release" folder in the workspace has been created. To do this, show the
properties and check the creation date.
7.4.10
Programming the firmware
Before programming the firmware, the board must be supplied and connected to the PC
using the inDART board. We suggest setting up the system as depicted in Figure 19.
Figure 19.
System setup for programming phase
1.
Use the USB cable to connect the inDART-STX board to the PC. The green LED on the
inDART-STX board lights up. The Windows® operating system automatically detects
the new hardware and loads the appropriate USB and inDART-STX drivers.
Note:
Windows 2000® and Windows XP® may issue a warning the first time the inDART-STX
power board is connected to the PC. The USB driver used by inDART-STX is not digitally
signed by Microsoft, however, the user may safely ignore the warning since every kind of
compatibility and security test has been carried out by Softec Microsystems.
2.
Connect the inDART board with the J1 connector using the 10-pin flat cable.
3.
Before supplying the board, remove J23 and J24. Check that J8 is connected between
pins 1 and 2.
4.
Supply the control board using a 10-V power supply connected to J6 observing the
polarity.
Once the ST7VD for inDART has been installed, the "datablaze programmer" utility that can
be used to program the firmware using the inDART-STX is automatically installed.
5.
Run the Softec datablaze programmer utility.
6.
Click on Select Device on the toolbar.
7.
In the Select Device window, select "inDART-STX" in the Programmer Hardware box,
and "ST7FMC2S4" as the device code, and press OK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com