Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 43 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 39Page - STMicroelectronics UM0432 Datasheet HTML 40Page - STMicroelectronics UM0432 Datasheet HTML 41Page - STMicroelectronics UM0432 Datasheet HTML 42Page - STMicroelectronics UM0432 Datasheet HTML 43Page - STMicroelectronics UM0432 Datasheet HTML 44Page - STMicroelectronics UM0432 Datasheet HTML 45Page - STMicroelectronics UM0432 Datasheet HTML 46Page - STMicroelectronics UM0432 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
UM0432
Motor control operations
43/53
After power-on, the control board’s green LED should blink, signaling that the firmware has
started to run. After a while a green LED stays on indicating an "idle" state.
7.6.4
Setting the potentiometers
Before running the motor, the three potentiometers P1, P2, P3 must be set (see Table 19 for
the correct configuration).
7.6.5
Running the motor (LED action)
Push the Start/Stop button. After pushing the button the LEDs toggle from green to red to
indicate a "run" state. The motor starts running.
During any state: idle, start, run or brake, a still red LED together with the brake of the motor
indicates a fault condition. A fault condition is due to one of the following:
●
hardware overcurrent: current flowing inside the motor reaches a value greater than the
maximum allowed current of 7.65 A (see Section 7.4.16).
●
Over-voltage: the bus voltage reaches a value greater than 29 Vac.
●
Over-temperature: the on-board temperature sensor measures a temperature greater
than 110° C.
●
Start-up failed: the start-up phase ends without getting a sufficient number of valid zero
crossing events.
●
Motor stalled: during the running of the motor no zero crossing events have been
observed.
Note:
Blinking of the red LED during the running of the motor indicates that a software current
limitation is in action.
7.6.6
Changing the real-time parameters
The real-time parameters can be changed using the control board’s potentiometers.
Table 19 explains the potentiometer functionality based on the driving strategy.
Table 19.
Potentiometer functionality based on open/closed loop driving strategy
Voltage mode
Open Loop
Closed loop
P1
Sets the duty cycle percentage from 0% to 100%.
Sets the target rotor frequency value from the
minimum value to the maximum value configured
(see Section 7.4.4).
P2
Sets the value of the rising delay coefficient from 0 to 255
P3
Sets the value of the falling delay coefficient from 0 to 255
P4
Not used
Current mode
Open loop
Closed loop
P1
Sets the current reference value from 0 A to the
maximum current allowed.
Sets the target rotor frequency value from the
minimum value to the maximum value configured
(see Section 7.4.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com