Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 40Page - STMicroelectronics UM0432 Datasheet HTML 41Page - STMicroelectronics UM0432 Datasheet HTML 42Page - STMicroelectronics UM0432 Datasheet HTML 43Page - STMicroelectronics UM0432 Datasheet HTML 44Page - STMicroelectronics UM0432 Datasheet HTML 45Page - STMicroelectronics UM0432 Datasheet HTML 46Page - STMicroelectronics UM0432 Datasheet HTML 47Page - STMicroelectronics UM0432 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
Motor control operations
UM0432
44/53
If during the GUI configuration phase the "from RV1" control was unchecked, the value of
the duty cycle (or the value of the current reference) is not set by P1 but has a fixed value.
If during the GUI configuration phase the "from RV2 - RV3" control was unchecked, the
value of the rising delay coefficient and the value of the falling delay coefficient are not set by
P2 and P3 but have fixed values.
The maximum current allowed by the GUI has been set to 8 A (see Section 7.4.8).
7.6.7
Stopping the motor (LED action)
Push the Start/Stop button to stop the motor. The LEDs toggle from green to red to indicate
an "idle" state.
7.7
Driving the BLAC motor
This section describes how to drive the brushless permanent magnet motor. You should first
check that the board has been set-up for BLAC driving (see Section 7.4.6).
7.7.1
Specific sensor connections
In order to be driven correctly, the motor must have three position sensors, in this case three
hall sensors. For this demonstration we suggest using one Ametek BLDC blower motor
(voltage max 30 Vdc). Refer to the connections in Table 20 to connect the motor to the
power board.
P2
Sets the value of the rising delay coefficient from 0 to 255
P3
Sets the value of the falling delay coefficient from 0 to 255
P4
Not used
Table 19.
Potentiometer functionality based on open/closed loop driving strategy (continued)
Voltage mode
Table 20.
"PMAC sensored" motor connections
Motor
Power board
Phase A (red)
J10 pin 1
Phase B (yellow)
J10 pin 2
Phase C (black)
J10 pin 3
Hall sensor 1 (white)
J14 pin 1
Hall sensor 2 (green)
J14 pin 2
Hall sensor 3 (blue)
J14 pin 3
Hall sensor +5 V (red)
J14 pin 4
Hall ground (black)
J14 pin 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com