Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0432 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM0432
Description  Low voltage motor control demonstration board
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0432 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM0432 Datasheet HTML 36Page - STMicroelectronics UM0432 Datasheet HTML 37Page - STMicroelectronics UM0432 Datasheet HTML 38Page - STMicroelectronics UM0432 Datasheet HTML 39Page - STMicroelectronics UM0432 Datasheet HTML 40Page - STMicroelectronics UM0432 Datasheet HTML 41Page - STMicroelectronics UM0432 Datasheet HTML 42Page - STMicroelectronics UM0432 Datasheet HTML 43Page - STMicroelectronics UM0432 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
Motor control operations
UM0432
40/53
The maximum current allowed by the GUI has been set to 8 A (see Section 7.4.8).
7.5.7
Stopping the motor (LED action)
Push the Start/Stop button to stop the motor. The LEDs toggle from green to red to indicate
an "idle" state.
7.5.8
Configuring the system for BEMF amplification
It is possible to configure the system to enable a BEMF amplification network. This
configuration can be useful in any circumstance where the BEMF signal is very low, such as
low speed for instance. This network can also compensate the free-wheeling diode voltage
drop, which is not negligible in the case of a low bus voltage value. See AN1103 "Improved
B-EMF detection for low-speed and low-voltage applications". Use the settings in Table 16
to enable this feature.
7.5.9
Detecting the BEMF during the PWM on time
The direct back-EMF sensing scheme used by default by the STEVAL-IHM015V1
demonstration board, synchronously samples the motor back-EMF during PWM "off" time
without needing to sense or reconstruct the motor’s neutral point in a sensorless BLDC
motor drive system. Since this direct back-EMF sensing scheme requires a minimum PWM
"off" time to sample the back-EMF signal, the duty cycle cannot reach 100%. Furthermore,
in some applications, that is, HVAC using high-inductance motors, the zero crossing
detection is unsymmetrical at high speeds. It has been noted that the long settling time of a
parasitic resonant between the motor inductance and the parasitic capacitance of power
devices causes false zero crossing detections of the back-EMF. In such cases, the back-
EMF detection during PWM "on" time can be used to solve the problem.
More information on this issue can be found in the application notes AN2030, AN1946 and
AN1103. The STEVAL-IHM015V1 demonstration board can be configured to detect the
BEMF during the PWM "on" time.
Sampling of the BEMF can be performed using three different references.
●
Internal reference (default configuration)
●
VBus/2 external reference
●
Reconstructed neutral point external reference.
Table 16.
BLDC SL with BEMF amplification jumper settings
Driving mode
Jumper setting
BLDC_3PH_SL
J11 between 2-3, J12 between 2-3, J13 between 1-2
J15 between 2-3, J16 between 2-3, J17 between 1-2
J18 between 2-3, J19 between 2-3, J20 between 1-2
J3 Closed, J4 variable (2-3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com