Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 49Page - STMicroelectronics AN4043 Datasheet HTML 50Page - STMicroelectronics AN4043 Datasheet HTML 51Page - STMicroelectronics AN4043 Datasheet HTML 52Page - STMicroelectronics AN4043 Datasheet HTML 53Page - STMicroelectronics AN4043 Datasheet HTML 54Page - STMicroelectronics AN4043 Datasheet HTML 55Page - STMicroelectronics AN4043 Datasheet HTML 56Page - STMicroelectronics AN4043 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
AN4043
Design and mounting guidelines
Doc ID 022726 Rev 2
53/60
5.2
Mounting instructions and cooling techniques
The SLLIMM-nano is a very compact intelligent power module able to drive electric motors
up to 100 W without any heatsink or cooling system installed on the board. The NDIP is a
transfer mold package with no screw holes, therefore some dedicated cooling techniques
must be adopted if a higher power level is targeted.
One of the easiest methods is based on a natural cooling system and a proper design of the
PCB layout. In this case, the PCB, along with the pads, acts as a heatsink providing paths
for individual packages to effectively transfer heat to the board and the adjacent
environment. Therefore, maximizing the area of the metal traces where the power and
ground pins of the package are located is a valuable method for reducing the thermal
resistance and for leading to an improved power performance.
The pins mainly involved in this phenomenon are the positive DC pin (P) and the phase
output pins (U, V, W), since they are directly connected to the copper lead frame where the
power devices are mounted and IGBTs and diodes are the major source of heat, as already
treated in
Section 4: Power losses and dissipation. Several aspects impact on the total
thermal performance, such as the area of metal traces, the thickness of the copper plate,
their placement on the board and the distance between the SLLIMM-nano and other heat
Figure 36.
Example 2 on a possible wrong layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com