Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4043 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN4043
Description  In recent years the variable speed motor control market has required high performance
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4043 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN4043 Datasheet HTML 38Page - STMicroelectronics AN4043 Datasheet HTML 39Page - STMicroelectronics AN4043 Datasheet HTML 40Page - STMicroelectronics AN4043 Datasheet HTML 41Page - STMicroelectronics AN4043 Datasheet HTML 42Page - STMicroelectronics AN4043 Datasheet HTML 43Page - STMicroelectronics AN4043 Datasheet HTML 44Page - STMicroelectronics AN4043 Datasheet HTML 45Page - STMicroelectronics AN4043 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
Power losses and dissipation
AN4043
42/60
Doc ID 022726 Rev 2
4
Power losses and dissipation
The total power losses in an inverter are comprised of conduction losses, switching losses,
and off-state losses and they are essentially generated by the power devices of the inverter
stage, such as the IGBTs and the freewheeling diodes. The conduction losses (PCOND) are
the on-state losses during the conduction phase. The switching losses (PSW) are the
dynamic losses encountered during turn-on and turn-off. The off-state losses, due to the
blocking voltage and leakage current, can be neglected.
Finally, the total power losses are given by:
Equation 14
Figure 26 shows a typical waveform of an inductive hard switching application such as a
motor drive, where the major sources of power losses are specified.
4.1
Conduction power losses
The conduction losses are caused by IGBT and freewheeling diode forward voltage drop at
rated current. They can be calculated using a linear approximation of the forward
characteristics for both the IGBT and diode, having a series connection of DC voltage
source representing the threshold voltage, VTO for IGBT, (and VFO for diode) and a collector
emitter on-state resistance, RCE, (and anode cathode on-state resistance, RAK), as shown
in
Figure 27.
sw
cond
tot
P
P
P
+
≈
Figure 26.
Typical IGBT power losses
AM09357v1
V
CE
I
C
10% I
C
10% V
CE
10% V
CE
10% I
C
E
sw(on)
E
sw(off)
V
CE(sat)
t
c(on)
t
c(off)
conduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com